Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM25MD-24H Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part No. CM25MD-24H
Description  CIB Module Three Phase Converter Three Phase Inverter Brake 25 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM25MD-24H Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM25MD-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 4Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 5Page - Powerex Power Semiconductors CM25MD-24H Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CM25MD-24H
CIB Module
Three Phase Converter + Three Phase Inverter + Brake
25 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
02468
10
10
20
30
40
0
VGE =
20V
15
12
11
8
7
Tj = 25
oC
50
10
9
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
048
12
16
20
10
0
20
30
40
50
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
010
20
30
4
3
2
1
0
VGE = 15V
Tj = 25°C
Tj = 125°C
50
40
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
048
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 10A
IC = 50A
IC = 25A
1.0
1.5
2.0
2.5
3.0
3.5
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
101
102
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
101
100
10-1
VGE = 0V
f = 1MHz
101
Cies
Coes
Cres
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
100
102
101
td(off)
td(on)
tr
VCC = 600V
VGE = ±15V
RG = 13Ω
Tj = 125°C
tf
101
102
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
100
101
102
102
101
trr
Irr
101
100
10-1
di/dt = -50A/µsec
Tj = 25°C
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
20
050
100
150
16
12
8
4
0
200
250
VCC = 600V
VCC = 400V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CM10MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM10MD-24H CIB Module Three Phase Converter Three Phase Inverter Brake 10 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM15MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM15MD-24H CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM20MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 20 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM30MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 30 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM50MD-12H CIB Module Three Phase Converter Three Phase Inverter Brake 50 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM100RSD060 Intellimod™ Module Three Phase Brake IGBT Inverter Output 100 Amperes/600 Volts 1  2  3  4  5  More Powerex Power Semiconductors
PM50RSD120 Intellimod™ Module Three Phase Brake IGBT Inverter Output 50 Amperes/1200 Volts 1  2  3  4  5  More Powerex Power Semiconductors
CM20MD3-12H CI Module Single Phase Converter Three Phase Inverter 20 Amperes/600 Volts 1  2  3  4  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn