Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2084-V143 Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ2084-V143
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084-V143 Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ2084-V143_07 Datasheet HTML 35Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 36Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 37Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 38Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 39Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 40Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 41Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 42Page - Texas Instruments BQ2084-V143_07 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
www.ti.com
Voltage() (0x09)
Current() (0x0a)
AverageCurrent() (0x0b)
MaxError() (0x0c)
bq2084-V143
SLUS732 – SEPTEMBER 2006
Description: Returns the cell-pack voltage (mV).
Purpose: The Voltage() function provides power management systems with an accurate battery terminal
voltage. Power management systems can use this voltage, along with battery current information, to
characterize devices they control. This ability helps enable intelligent, adaptive power-management systems.
SMBus protocol: Read word
Output: Unsigned integer—battery terminal voltage in mV.
Units: mV
Range: 0 to 20,000 mV
Granularity: 1 mV
Accuracy:
±0.25% (after calibration)
Description: Returns the current being supplied (or accepted) by the battery (mA).
Purpose: The Current() function provides a snapshot for the power management system of the current flowing
into or out of the battery. This information is of particular use in power-management systems because they can
characterize individual devices and tune their operation to actual system power behavior.
SMBus protocol: Read word
Output: Signed integer—charge/discharge rate in mA increments: positive for charge, negative for discharge.
Units: mA
Range: -32,768 to 32,767 mA
Granularity: 1 mA
Accuracy: 0.25% or 5 mA, whichever is greater
Description: Returns a value that approximates a one-minute rolling average of the current being supplied (or
accepted) through the battery terminals (mA). AverageCurrent() is implemented as a single pole IIR filter with a
14.5-s time constant.
Purpose: The AverageCurrent() function provides the average current flowing into or out of the battery for the
power management system.
SMBus protocol: Read word
Output: Signed integer—charge/discharge rate in mA increments: positive for charge, negative for discharge.
Units: mA
Range: -32,768 to 32,767 mA
Granularity: 1 mA
Accuracy: 0.25% or 5 mA, whichever is greater
Description: Returns the expected margin of error (%) in the state of charge calculation. For example, when
MaxError() returns 10% and RelativeStateOfCharge() returns 50%, the RelativeStateOfCharge() is more likely
between 50% and 60%. The bq2084-V143 sets MaxError() to 100% on a full reset. The bq2084-V143 sets
MaxError() to 2% on completion of a learning cycle, unless the bq2084-V143 limits the learning cycle to the
+512/-256 mAh maximum adjustment values. If the learning cycle is limited, the bq2084-V143 sets MaxError() to
8% unless MaxError() was already below 8%. In this case, MaxError() does not change. The bq2084-V143
increments MaxError( ) by 1% after four increments of CycleCount() without a learning cycle. If voltage-based
corrections are applied to the coulomb counter, MaxError() is set to 25%.
39
Submit Documentation Feedback


Similar Part No. - BQ2084-V143_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084-V143_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com