Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2165N Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. HAT2165N
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2165N Datasheet(HTML) 1 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.0.01, Jul.15.2004, page 1 of 6
HAT2165N
Silicon N Channel Power MOS FET
Power Switching
Preliminary
Rev.0.01
Jul.15.2004
Features
• High speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 2.8 m
Ω typ. (at V
GS = 10 V)
Outline
LFPAK-i
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
G
D
SSS
4
1 23
5
D
6
D
7
D
8
8(D)
7(D)
6(D)
5(D)
1(S)
2(S)
3(S)
4(G)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
55
A
Drain peak current
ID(pulse)
Note1
220
A
Body-drain diode reverse drain current
IDR
55
A
Avalanche current
IAP
Note 2
30
A
Avalanche energy
EAR
Note 2
90
mJ
Channel dissipation
Pch
Note3
(30)
W
Channel to Case Thermal Resistance
θch-C
(4.17)
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tch = 25°C, Rg
≥ 50 Ω
3. Tc = 25
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn