Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3237EIPWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRS3237EIPWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3237EIPWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TRS3237EIPWRG4 Datasheet HTML 1Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 2Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 3Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 4Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 5Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 6Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 7Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 8Page - Texas Instruments TRS3237EIPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
Electrical Characteristics
(1)
TRS3237E
3-V TO 5.5-V MULTICHANNEL RS-232
1-MBit/s LINE DRIVER/RECEIVER
SLLS796 – JUNE 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
V+
Positive-output supply voltage range(2)
–0.3
7
V
V–
Negative-output supply voltage range(2)
0.3
–7
V
V+ – V–
Supply voltage difference(2)
13
V
Driver (SHDN, MBAUD, EN)
–0.3
6
VI
Input voltage range
V
Receiver
–25
25
Driver
–13.2
13.2
VO
Output voltage range
V
Receiver
–0.3
VCC + 0.3
Short-circuit duration
DOUT to GND
Unlimited
θJA
Package thermal impedance(3)
62
°C/W
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network GND.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
See Figure 5
MIN
NOM
MAX
UNIT
VCC = 3.3 V
3
3.3
3.6
Supply voltage
V
VCC = 5 V
4.5
5
5.5
VCC = 3.3 V
2
5.5
VIH
Driver and control high-level input voltage
DIN, SHDN, MBAUD, EN
V
VCC = 5 V
2.4
5.5
VIL
Driver and control low-level input voltage
DIN, SHDN, MBAUD, EN
0
0.8
V
VI
Receiver input voltage
–25
25
V
TRS3237EC
0
70
TA
Operating free-air temperature
°C
TRS3237EI
–40
85
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3 V to 5 V.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
II
Input leakage current
DIN, SHDN, MBAUD, EN
9
18
μA
No load, SHDN = VCC
0.5
2
mA
Supply current
SHDN = GND
1
10
μA
ICC
(TA = 25°C)
Shutdown supply current
SHDN = RIN = GND,
10
300
nA
DIN = GND or VCC
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3 V to 5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
4
Submit Documentation Feedback


Similar Part No. - TRS3237EIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
More results

Similar Description - TRS3237EIPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E_08 Datasheet
392Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E Datasheet
233Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com