Electronic Components Datasheet Search |
|
OPA2348AIDG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
OPA2348AIDG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page OPA348, 2348, 4348 2 SBOS213C www.ti.com Supply Voltage, V– to V+ ................................................................... 7.5V Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V Current(2) .................................................... 10mA Output Short-Circuit(3) .............................................................. Continuous Operating Temperature .................................................. –65 °C to +150°C Storage Temperature ..................................................... –65 °C to +150°C Junction Temperature ...................................................................... 150 °C Lead Temperature (soldering, 10s) ................................................. 300 °C NOTES: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only. Functional opera- tion of the device at these conditions, or beyond the specified operating conditions, is not implied. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current-limited to 10mA or less. (3) Short-circuit to ground, one amplifier per package. ABSOLUTE MAXIMUM RATINGS(1) ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION SPECIFIED PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT PACKAGE-LEAD DESIGNATOR(1) RANGE MARKING NUMBER(2) MEDIA, QUANTITY Single OPA348AI SOT23-5 DBV –40 °C to +125°C A48 OPA348AIDBVT Tape and Reel, 250 " """ " OPA348AIDBVR Tape and Reel, 3000 OPA348AI SO-8 D –40 °C to +125°C 348A OPA348AID Tubes, 100 " """ " OPA348AIDR Tape and Reel, 2500 OPA348AI SC70-5 DCK –40 °C to 125°C S48 OPA348AIDCKT Tape and Reel, 250 " """ " OPA348AIDCKR Tape and Reel, 3000 Dual OPA2348AI SOT23-8 DCN –40 °C to +125°C B48 OPA2348AIDCNT Tape and Reel, 250 " """ " OPA2348AIDCNR Tape and Reel, 3000 OPA2348AI SO-8 D –40 °C to +125°C 2348A OPA2348AID Tubes, 100 " """ " OPA2348AIDR Tape and Reel, 2500 Quad OPA4348AI SO-14 D –40 °C to +125°C OPA4348 OPA4348AID Tubes, 58 " """ " OPA4348AIDR Tape and Reel, 2500 OPA4348AI TSSOP-14 PW –40 °C to +125°C 4348A OPA4348AIPWT Tubes, 250 " """ " OPA4348AIPWR Tape and Reel, 2500 NOTES: (1) For the most current specifications and package information, refer to our web site at www.ti.com. (2) Models labeled with “T” indicate smaller quantity tape and reel, “R” indicates large quantity tape and reel and “D” indicates tubes of specified quantity. |
Similar Part No. - OPA2348AIDG4 |
|
Similar Description - OPA2348AIDG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |