Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18TC512160BF-3 Datasheet(PDF) 3 Page - Qimonda AG

Part # HYB18TC512160BF-3
Description  512-Mbit Double-Data-Rate-Two SDRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18TC512160BF-3 Datasheet(HTML) 3 Page - Qimonda AG

  HYB18TC512160BF-3 Datasheet HTML 1Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 2Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 3Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 4Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 5Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 6Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 7Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 8Page - Qimonda AG HYB18TC512160BF-3 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Internet Data Sheet
Rev. 1.11, 2006-09
3
03292006-HDLH-OAY6
HYB18TC512[16/80]0BF
512-Mbit Double-Data-Rate-Two SDRAM
1Overview
This chapter gives an overview of the 512-Mbit Double-Data-Rate-Two SDRAM product family and describes its main
characteristics.
1.1
Features
The 512-Mbit Double-Data-Rate-Two SDRAM offers the following key features:
• 1.8 V
± 0.1 V Power Supply 1.8 V ± 0.1 V (SSTL_18)
compatible I/O
• DRAM organizations with 4, 8 and 16 data in/outputs
• Double Data Rate architecture: two data transfers per
clock cycle four internal banks for concurrent operation
• Programmable CAS Latency: 3, 4, 5 and 6
• Programmable Burst Length: 4 and 8
• Differential clock inputs (CK and CK)
• Bi-directional, differential data strobes (DQS and DQS) are
transmitted / received with data. Edge aligned with read
data and center-aligned with write data.
• DLL aligns DQ and DQS transitions with clock
•DQS can be disabled for single-ended data strobe
operation
• Commands entered on each positive clock edge, data and
data mask are referenced to both edges of DQS
• Data masks (DM) for write data
• Posted CAS by programmable additive latency for better
command and data bus efficiency
• Off-Chip-Driver impedance adjustment (OCD) and On-
Die-Termination (ODT) for better signal quality.
• Auto-Precharge operation for read and write bursts
• Auto-Refresh, Self-Refresh and power saving Power-
Down modes
• Average Refresh Period 7.8
µs at a T
CASE lower than 85
°C, 3.9
µs between 85 °C and 95 °C
• Programmable self refresh rate via EMRS2 setting
• Programmable partial array refresh via EMRS2 settings
• DCC enabling via EMRS2 setting
• Full and reduced Strength Data-Output Drivers
• 1kB page size for
×8, 2kB page size for ×16
• Packages: PG-TFBGA-84 for
×8 components PG-TFBGA-
60 for
×16 components
• RoHS Compliant Products1)
• All Speed grades faster than DDR400 comply with
DDR400 timing specifications when run at a clock rate of
200 MHz.
A list of the performance tables for the various speeds can be found below
• Table 1 “Performance tables for –2.5” on Page 4
• Table 2 “Performance table for –3(S)” on Page 4
• Table 3 “Performance table for –3.7” on Page 4
• Table 4 “Performance table for –5” on Page 5
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.


Similar Part No. - HYB18TC512160BF-3

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC1G160AF QIMONDA-HYB18TC1G160AF Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
HYB18TC1G160BF-2.5 QIMONDA-HYB18TC1G160BF-2.5 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G160BF-3.7 QIMONDA-HYB18TC1G160BF-3.7 Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
HYB18TC1G160BF-3.7 QIMONDA-HYB18TC1G160BF-3.7 Datasheet
3Mb / 65P
   1-Gbit Double-Data-Rate-Two SDRAM
HYB18TC1G160BF-3S QIMONDA-HYB18TC1G160BF-3S Datasheet
2Mb / 54P
   1-Gbit DDR2 SDRAM
More results

Similar Description - HYB18TC512160BF-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com