Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM200DY-28H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM200DY-28H
Description  Dual IGBTMOD 200 Amperes/1400 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM200DY-28H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM200DY-28H Datasheet HTML 1Page - Powerex Power Semiconductors CM200DY-28H Datasheet HTML 2Page - Powerex Power Semiconductors CM200DY-28H Datasheet HTML 3Page - Powerex Power Semiconductors CM200DY-28H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
286
CM200DY-28H
Dual IGBTMOD™ H-Series Module
200 Amperes/1400 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM200DY-28H
Units
Junction Temperature
Tj
–40 to 150
°C
Storage Temperature
Tstg
–40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
1400
Volts
Gate-Emitter Voltage
VGES
±20
Volts
Collector Current
IC
200
Amperes
Peak Collector Current
ICM
400*
Amperes
Diode Forward Current
IF
200
Amperes
Diode Forward Surge Current
IFM
400*
Amperes
Power Dissipation
Pd
1500
Watts
Max. Mounting Torque M6 Terminal Screws
26
in-lb
Max. Mounting Torque M6 Mounting Screws
26
in-lb
Module Weight (Typical)
400
Grams
V Isolation
VRMS
2500
Volts
* Pulse width and repetition rate should be such that device junction temperature does not exceed the device rating.
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1.0
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 20mA, VCE = 10V
5.0
6.5
8.0
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 200A, VGE = 15V
3.1
4.2**
Volts
IC = 200A, VGE = 15V, Tj = 150°C
2.95
Volts
Total Gate Charge
QG
VCC = 800V, IC = 200A, VGE = 15V
1020
nC
Diode Forward Voltage
VFM
IE = 200A, VGE = 0V
3.8
Volts
** Pulse width and repetition rate should be such that device junction temperature rise is negligible.
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
40
nF
Output Capacitance
Coes
VGE = 0V, VCE = 10V, f = 1MHz
14
nF
Reverse Transfer Capacitance
Cres
8
nF
Resistive
Turn-on Delay Time
td(on)
250
ns
Load
Rise Time
tr
VCC = 800V, IC = 200A,
400
ns
Switching
Turn-off Delay Time
td(off)
VGE1 = VGE2 = 15V, RG = 1.6Ω
300
ns
Times
Fall Time
tf
500
ns
Diode Reverse Recovery Time
trr
IE = 200A, diE/dt = –400A/µs
300
ns
Diode Reverse Recovery Charge
Qrr
IE = 200A, diE/dt = –400A/µs
2.0
µC
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)
Per IGBT
0.085
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)
Per FWDi
0.18
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.045
°C/W


Similar Part No. - CM200DY-28H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DY-28H MITSUBISHI-CM200DY-28H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM200DY-28H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100DY-28H POWEREX-CM100DY-28H Datasheet
68Kb / 4P
   Dual IGBTMOD 100 Amperes/1400 Volts
CM300DY-28H POWEREX-CM300DY-28H Datasheet
60Kb / 4P
   Dual IGBTMOD 300 Amperes/1400 Volts
CM50DY-28H POWEREX-CM50DY-28H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1400 Volts
CM150DY-28H POWEREX-CM150DY-28H Datasheet
824Kb / 4P
   Dual IGBTMOD 150 Amperes/1400 Volts
CM1400DUC-24NF POWEREX-CM1400DUC-24NF Datasheet
558Kb / 5P
   Mega Power Dual IGBTMOD 1400 Amperes/1200 Volts
CM600HA-28H POWEREX-CM600HA-28H Datasheet
55Kb / 4P
   Single IGBTMOD 600 Amperes/1400 Volts
CM1000HA-28H POWEREX-CM1000HA-28H Datasheet
64Kb / 4P
   Single IGBTMOD 1000 Amperes/1400 Volts
CM200DY-24H POWEREX-CM200DY-24H Datasheet
59Kb / 4P
   Dual IGBTMOD 200 Amperes/1200 Volts
CM800HA-28H POWEREX-CM800HA-28H Datasheet
55Kb / 4P
   Single IGBTMOD 800 Amperes/1400 Volts
CM1400DU-24NF POWEREX-CM1400DU-24NF Datasheet
78Kb / 4P
   Mega Power Dual??IGBTMOD 1400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com