Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYI18T256800BF-3S Datasheet(PDF) 8 Page - Qimonda AG

Part # HYI18T256800BF-3S
Description  256-Mbit Double-Data-Rate-Two SDRAM
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYI18T256800BF-3S Datasheet(HTML) 8 Page - Qimonda AG

Back Button HYI18T256800BF-3S Datasheet HTML 4Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 5Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 6Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 7Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 8Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 9Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 10Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 11Page - Qimonda AG HYI18T256800BF-3S Datasheet HTML 12Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Internet Data Sheet
Rev. 1.11, 2007-07
8
11172006-LBIU-F1TN
HY[B/I]18T256[40/80/16]0B[C/F](L)
256-Mbit Double-Data-Rate-Two SDRAM
TABLE 7
Ordering Information for Lead-Containing Products
Product Type
Org.
Speed
CAS-RCD-RP Latencies1)
1) CAS: Column Address Strobe; RCD: Row Column Delay; RP: Row Precharge
Clock (MHz)
Package
Standard Temperature Range (0 °C - +70 °C)
HYB18T256400BC-25F
×4
DDR2-800D
5-5-5
400
P-TFBGA-60
HYB18T256800BC-25F
×8
DDR2-800D
5-5-5
400
P-TFBGA-60
HYB18T256160BC-25F
×16
DDR2-800D
5-5-5
400
P-TFBGA-84
HYB18T256400BC-2.5
×4
DDR2-800E
6-6-6
400
P-TFBGA-60
HYB18T256800BC-2.5
×8
DDR2-800E
6-6-6
400
P-TFBGA-60
HYB18T256160BC-2.5
×16
DDR2-800E
6-6-6
400
P-TFBGA-84
HYB18T256400BC-3
×4
DDR2-667C
4-4-4
333
P-TFBGA-60
HYB18T256800BC-3
×8
DDR2-667C
4-4-4
333
P-TFBGA-60
HYB18T256160BC-3
×16
DDR2-667C
4-4-4
333
P-TFBGA-84
HYB18T256400BC-3S
×4
DDR2-667D
5-5-5
333
P-TFBGA-60
HYB18T256800BC-3S
×8
DDR2-667D
5-5-5
333
P-TFBGA-60
HYB18T256160BC-3S
×16
DDR2-667D
5-5-5
333
P-TFBGA-84
HYB18T256400BC-3.7
×4
DDR2-533C
4-4-4
266
P-TFBGA-60
HYB18T256800BC-3.7
×8
DDR2-533C
4-4-4
266
P-TFBGA-60
HYB18T256160BC-3.7
×16
DDR2-533C
4-4-4
266
P-TFBGA-84
HYB18T256400BC-5
×4
DDR2-400B
3-3-3
200
P-TFBGA-60
HYB18T256800BC-5
×8
DDR2-400B
3-3-3
200
P-TFBGA-60
HYB18T256160BC-5
×16
DDR2-400B
3-3-3
200
P-TFBGA-84


Similar Part No. - HYI18T256800BF-3S

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYI18T1G160BC-2.5 QIMONDA-HYI18T1G160BC-2.5 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYI18T1G160BC-2.5F QIMONDA-HYI18T1G160BC-2.5F Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYI18T1G160BC-3 QIMONDA-HYI18T1G160BC-3 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYI18T1G160BC-3.7 QIMONDA-HYI18T1G160BC-3.7 Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
HYI18T1G160BC-3S QIMONDA-HYI18T1G160BC-3S Datasheet
3Mb / 74P
   1-Gbit Double-Data-Rate-Two SDRAM
More results

Similar Description - HYI18T256800BF-3S

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com