Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM20014 Datasheet(PDF) 46 Page - Motorola, Inc

Part # MCM20014
Description  1/3??Color VGA Digital Image Sensor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM20014 Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MCM20014 Datasheet HTML 42Page - Motorola, Inc MCM20014 Datasheet HTML 43Page - Motorola, Inc MCM20014 Datasheet HTML 44Page - Motorola, Inc MCM20014 Datasheet HTML 45Page - Motorola, Inc MCM20014 Datasheet HTML 46Page - Motorola, Inc MCM20014 Datasheet HTML 47Page - Motorola, Inc MCM20014 Datasheet HTML 48Page - Motorola, Inc MCM20014 Datasheet HTML 49Page - Motorola, Inc MCM20014 Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
MOTOROLA
MCM20014
46
POWER DISSIPATION (VDD = 3.0V, VDD referenced to VSS; Ta = 25°C)
Symbol
Parameter
Condition
Typ
Unit
PDYN
Dynamic Power
13.5 MHz MCLK Clock frequency
400
mW
PSTDBY
Standby Power
STDBY Pin Logic High
50
mW
PAVG
Average Power
13.5 MHz Operation (using STDBY)
200
mW
MCM20014 MONOCHROME CMOS IMAGE SENSOR ELECTRO-OPTICAL CHARACTERISTICS
Symbol
Parameter
Typ
Unit
Notes
Esat
Saturation Exposure
0.14
µJ/cm2
1
QE
Peak Quantum Efficiency (@550nm)
18
%
2
PRNU
Photoresponse Non-uniformity
12
% pk-pk
3
Notes:
1.For
λ = 550 nm wavelength.
2.Refer to typical values from Figure 3, MCM20014 nominal spectral response.
3.For a 100 x 100 pixel region under uniform illumination with output signal equal to 80% of saturation signal.
MCM20014 COLOR CMOS IMAGE SENSOR ELECTRO-OPTICAL CHARACTERISTICS
Symbol
Parameter
Typ
Unit
Notes
Esat
Saturation Exposure
0.3
µJ/cm2
1
QEr
Red Peak Quantum Efficiency @
λ = 650 nm
12
%
2
QEg
Green Peak Quantum Efficiency @
λ = 550 nm
11
%
2
QEb
Blue Peak Quantum Efficiency @
λ = 450 nm
8
%
2
Notes:
1.For
λ = 550 nm wavelength.
2.Refer to typical values from Figure 3, MCM20014 nominal spectral response.
CMOS IMAGE SENSOR CHARACTERISTICS
Symbol
Parameter
Typ
Unit
Notes
Sensitivity
3.0
V/lux-sec
Id
Photodiode Dark Current
0.2
nA/cm2
DSNU
Dark Signal Non-Uniformity (Entire Field)
0.4
% rms
CTE
Pixel Charge Transfer Efficiency
0.9995
%
1
fH
Horizontal Imager Frequency
11.5
MHz
4
Xab
Blooming Margin - shuttered light
200
2,3
Notes:
1. Transfer efficiency of photosite
2. Xab represents the increase above the saturation-irradiance level (Hsat) that the device can be exposed to before blooming of the pixel will
occur.
3. No column streaking
4. At 30fps VGA


Similar Part No. - MCM20014

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results

Similar Description - MCM20014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com