Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM20014 Datasheet(PDF) 35 Page - Motorola, Inc

Part # MCM20014
Description  1/3??Color VGA Digital Image Sensor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM20014 Datasheet(HTML) 35 Page - Motorola, Inc

Back Button MCM20014 Datasheet HTML 31Page - Motorola, Inc MCM20014 Datasheet HTML 32Page - Motorola, Inc MCM20014 Datasheet HTML 33Page - Motorola, Inc MCM20014 Datasheet HTML 34Page - Motorola, Inc MCM20014 Datasheet HTML 35Page - Motorola, Inc MCM20014 Datasheet HTML 36Page - Motorola, Inc MCM20014 Datasheet HTML 37Page - Motorola, Inc MCM20014 Datasheet HTML 38Page - Motorola, Inc MCM20014 Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
MCM20014
MOTOROLA
35
interface to prevent the user from defining an WOI that
addresses non-existant pixels.
Address
45h
WOI Row Pointer MSB
Default
00h
msb (7)
654321
lsb (0)
xxxxxxx
wrp[8]
Bit
Number
Function
Description
Reset
State
7 - 1
Unused
Unused
xxxxxxxx
0
WOI Row
Pointer
In conjunction with the WOI Row Pointer LSB Register (Table 30),
forms the 9-bit WOI Row Pointer wrp[8:0]
0b
Table 29. WOI Row Pointer MSB Register
Address
46h
WOI Row Pointer LSB
Default
0Ch
msb (7)
654321
lsb (0)
wrp[7]
wrp[6]
wrp[5]
wrp[4]
wrp[3]
wrp[2]
wrp[1]
wrp[0]
Bit
Number
Function
Description
Reset
State
7 - 0
WOI Row
Pointer
In conjunction with the WOI Row Pointer MSB Register (Table 29),
forms the 9-bit WOI Row Pointer wrp[8:0]
00001100b
(row 12)
Table 30. WOI Row Pointer LSB Register
Address
49h
WOI Column Pointer MSB
Default
00h
msb (7)
654321
lsb (0)
xxxxxx
wcp[9]
wcp[8]
Bit
Number
Function
Description
Reset
State
7 - 2
Unused
Unused
xxxxxx
1 - 0
WOI Col.
Pointer
In conjunction with the WOI Column Pointer LSB Register (Table 32),
forms the 10-bit WOI Column Pointer wcp[9:0]
00b
Table 31. WOI Column Pointer MSB Register


Similar Part No. - MCM20014

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM20027 MOTOROLA-MCM20027 Datasheet
936Kb / 73P
   Color SXGA Digital Image Sensor 1280 x 1024 pixel progressive scan solid state image sensor
More results

Similar Description - MCM20014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
MT9V032 ONSEMI-MT9V032_17 Datasheet
371Kb / 61P
   1/3?륤nch Wide VGA CMOS Digital Image Sensor
May, 2017 ??Rev. 7
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com