Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYI39SC128160FE Datasheet(PDF) 11 Page - Qimonda AG

Part # HYI39SC128160FE
Description  128-MBit Synchronous DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYI39SC128160FE Datasheet(HTML) 11 Page - Qimonda AG

Back Button HYI39SC128160FE Datasheet HTML 7Page - Qimonda AG HYI39SC128160FE Datasheet HTML 8Page - Qimonda AG HYI39SC128160FE Datasheet HTML 9Page - Qimonda AG HYI39SC128160FE Datasheet HTML 10Page - Qimonda AG HYI39SC128160FE Datasheet HTML 11Page - Qimonda AG HYI39SC128160FE Datasheet HTML 12Page - Qimonda AG HYI39SC128160FE Datasheet HTML 13Page - Qimonda AG HYI39SC128160FE Datasheet HTML 14Page - Qimonda AG HYI39SC128160FE Datasheet HTML 15Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Internet Data Sheet
Rev. 1.1, 2007-02
11
09072006-N4GC-EREN
HY[B/I]39SC128[800/160]FE
128-MBit Synchronous DRAM
4
Electrical Characteristics
4.1
Operating Conditions
TABLE 7
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Maximum ratings
are absolute ratings; exceeding only one of these values maycause irreversible damage to the integrated
circuit.
TABLE 8
DC Characteristics
Parameter
Symbol
Limit Values
Unit
Note/
Test Condition
Min.
Max.
Input / Output voltage relative to
V
SS
V
IN, VOUT
–1.0
+4.6
V
Voltage on
V
DD supply relative to VSS
V
DD
–1.0
+4.6
V
Voltage on
V
DDQ supply relative to VSS
V
DDQ
–1.0
+4.6
V
Operating Temperature for HYB...
T
A
0+70
°C—
Operating Temperature for HYI...
T
A
–40
+85
°C—
Storage temperature range
T
STG
–55
+150
°C—
Power dissipation per SDRAM component
P
D
—1
W
Data out current (short circuit)
I
OUT
—50
mA
Parameter
Symbol
Values
Unit
Note/
Test Condition
Min.
Max.
Supply Voltage
V
DD
3.0
3.6
V
1)
1) All voltages are referenced to
V
SS
I/O Supply Voltage
V
DDQ
3.0
3.6
V
1)
Input high voltage
V
IH
2.0
V
DDQ + 0.3
V
1)2)
2)
V
IH may overshoot to VDDQ + 2.0 V for pulse width of < 4ns with 3.3 V. VIL may undershoot to -2.0 V for pulse width < 4.0 ns with 3.3 V.
Pulse width measured at 50 % points with amplitude measured peak to DC reference.
Input low voltage
V
IL
–0.3
+0.8
V
1)2)
Output high voltage (
I
OUT = – 4.0 mA)
V
OH
2.4
V
1)
Output low voltage (
I
OUT = 4.0 mA)
V
OL
—0.4
V
1)
Input leakage current, any input
(0 V <
V
IN < VDD, all other inputs = 0 V)
I
IL
–5
+5
µA—
Output leakage current
(DQs are disabled, 0 V <
V
OUT < VDDQ)
I
OL
–5
+5
µA—


Similar Part No. - HYI39SC128160FE

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYI39SC256160FE-6 QIMONDA-HYI39SC256160FE-6 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYI39SC256160FE-7 QIMONDA-HYI39SC256160FE-7 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYI39SC256800FE-6 QIMONDA-HYI39SC256800FE-6 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYI39SC256800FE-7 QIMONDA-HYI39SC256800FE-7 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
More results

Similar Description - HYI39SC128160FE

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB25L128160AC INFINEON-HYB25L128160AC Datasheet
980Kb / 50P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
2003-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com