Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7220A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220A
Description  DUAL DIGITAL ISOLATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220A Datasheet(HTML) 4 Page - Texas Instruments

  ISO7220A Datasheet HTML 1Page - Texas Instruments ISO7220A Datasheet HTML 2Page - Texas Instruments ISO7220A Datasheet HTML 3Page - Texas Instruments ISO7220A Datasheet HTML 4Page - Texas Instruments ISO7220A Datasheet HTML 5Page - Texas Instruments ISO7220A Datasheet HTML 6Page - Texas Instruments ISO7220A Datasheet HTML 7Page - Texas Instruments ISO7220A Datasheet HTML 8Page - Texas Instruments ISO7220A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
VCC1 and VCC2 at 5-V operatjion, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7220A, ISO7220C, ISO7220M
1
2
Quiescent
VI = VCC or 0 V, no load
ISO7221A, ISO7221C, ISO7221M
8.5
17
ISO7220A
2
3
ICC1
1 Mbps
VI = VCC or 0 V, no load
ISO7221A
10
18
ISO7220C, ISO7220M
4
9
25 Mbps
VI = VCC or 0 V, no load
ISO7221C, ISO7221M
12
22
mA
ISO7220A, ISO7220C, ISO7220M
16
31
Quiescent
VI = VCC or 0 V, no load
ISO7221A, ISO7221C, ISO7221M
8.5
17
ISO7220A
17
32
ICC2
1 Mbps
VI = VCC or 0 V, no load
ISO7221A
10
18
ISO7220C, ISO7220M
20
34
25 Mbps
VI = VCC or 0 V, no load
ISO7221C, ISO7221M
12
22
IOH = –4 mA, See Figure 1
VCC – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 1
VCC – 0.1
5
IOL = 4 mA, See Figure 1
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 1
0
0.1
VI(HYS) Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
μA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 3
25
50
kV/
μs
VCC1 and VCC2 at 5-V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpLH,
Propagation delay
280
405
475
tpHL
ISO722xA
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
1
14
tpLH,
Propagation delay
22
32
42
tpHL
ISO722xC
See Figure 1
ns
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
1
2
tpLH,
Propagation delay
6
10
16
tpHL
ISO722xM
PWD
Pulse-width distortion |tpHL – tpLH|
(1)
0.5
1
ISO722xA
180
tsk(pp)
Part-to-part skew (2)
ISO722xC
10
ns
ISO722xM
3
ISO7220A
3
15
ns
tsk(o)
Channel-to-channel output skew (3)
ISO7220C/M
0.2
1
tr
Output signal rise time
1
See Figure 1
ns
tf
Output signal fall time
1
tfs
Failsafe output delay time from input power loss
See Figure 2
3
μs
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
4
Submit Documentation Feedback


Similar Part No. - ISO7220A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220A TI-ISO7220A Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220AD TI-ISO7220AD Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220AD TI-ISO7220AD Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7220A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com