Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYI25DC512800CE-6 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYI25DC512800CE-6
Description  512-Mbit Double-Data-Rate SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYI25DC512800CE-6 Datasheet(HTML) 4 Page - Qimonda AG

  HYI25DC512800CE-6 Datasheet HTML 1Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 2Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 3Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 4Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 5Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 6Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 7Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 8Page - Qimonda AG HYI25DC512800CE-6 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Preliminary Internet Data Sheet
Rev. 0.7, 2006-12
4
11292006-TAIE-H645
HYI25DC512[16/80]0CE
512-Mbit Double-Data-Rate SDRAM
1.2
Description
The 512-Mbit Double-Data-Rate SDRAM is a high-speed
CMOS,
dynamic
random-access
memory
containing
536,870,912 bits. It is internally configured as a quad-bank
DRAM.
The 512-Mbit Double-Data-Rate SDRAM uses a double-
data-rate architecture to achieve high-speed operation. The
double data rate architecture is essentially a 2n prefetch
architecture with an interface designed to transfer two data
words per clock cycle at the I/O pins. A single read or write
access
for
the
512-Mbit Double-Data-Rate SDRAM
effectively consists of a single 2n-bit wide, one clock cycle
data transfer at the internal DRAM core and two
corresponding n-bit wide, one-half-clock-cycle data transfers
at the I/O pins.
A bidirectional data strobe (DQS) is transmitted externally,
along with data, for use in data capture at the receiver. DQS
is a strobe transmitted by the DDR SDRAM during Reads and
by the memory controller during Writes. DQS is edge-aligned
with data for Reads and center-aligned with data for Writes.
The 512-Mbit Double-Data-Rate SDRAM operates from a
differential clock (CK and CK; the crossing of CK going HIGH
and CK going LOW is referred to as the positive edge of CK).
Commands (address and control signals) are registered at
every positive edge of CK. Input data is registered on both
edges of DQS, and output data is referenced to both edges of
DQS, as well as to both edges of CK.
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an Active
command, which is then followed by a Read or Write
command. The address bits registered coincident with the
Active command are used to select the bank and row to be
accessed. The address bits registered coincident with the
Read or Write command are used to select the bank and the
starting column location for the burst access.
The DDR SDRAM provides for programmable Read or Write
burst lengths of 2, 4 or 8 locations. An Auto Precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst access. As
with standard SDRAMs, the pipelined, multibank architecture
of DDR SDRAMs allows for concurrent operation, thereby
providing high effective bandwidth by hiding row precharge
and activation time.
An auto refresh mode is provided along with a power-saving
power-down mode. All inputs are compatible with the Industry
Standard for SSTL_2. All outputs are SSTL_2, Class II
compatible.
Note: The functionality described and the timing
specifications included in this data sheet are for the
DLL Enabled mode of operation.
TABLE 2
Ordering Information for RoHS Compliant Products
Part Number
Org. CAS-RCD-RP
Latencies
Clock
(MHz)
CAS-RCD-RP
Latencies
Clock
(MHz)
Speed
Package
Note
HYI25DC512800CE–5
×8
3-3-3
200
2.5-3-3
166
DDR400B
PG-TSOPII-66
1)
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
HYI25DC512160CE–5
×16
HYI25DC512800CE–6
×8
2.5-3-3
166
2-3-3
133
DDR333
HYI25DC512160CE–6
×16


Similar Part No. - HYI25DC512800CE-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYI25D256160CC-5 QIMONDA-HYI25D256160CC-5 Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYI25D256160CC-6 QIMONDA-HYI25D256160CC-6 Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYI25D256160CE-5 QIMONDA-HYI25D256160CE-5 Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYI25D256160CE-6 QIMONDA-HYI25D256160CE-6 Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYI25D256160CF-5 QIMONDA-HYI25D256160CF-5 Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYI25DC512800CE-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B2C QIMONDA-HYB18T512400B2C Datasheet
3Mb / 69P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com