Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR12N25DPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFR12N25DPBF
Description  HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR12N25DPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFR12N25DPBF Datasheet HTML 3Page - International Rectifier IRFR12N25DPBF Datasheet HTML 4Page - International Rectifier IRFR12N25DPBF Datasheet HTML 5Page - International Rectifier IRFR12N25DPBF Datasheet HTML 6Page - International Rectifier IRFR12N25DPBF Datasheet HTML 7Page - International Rectifier IRFR12N25DPBF Datasheet HTML 8Page - International Rectifier IRFR12N25DPBF Datasheet HTML 9Page - International Rectifier IRFR12N25DPBF Datasheet HTML 10Page - International Rectifier IRFR12N25DPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Note: For the most current drawings please refer to the IR website at:
http://www.irf.com/package/


Similar Part No. - IRFR12N25DPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR12N25DPBF KERSEMI-IRFR12N25DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR12N25DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644N IRF-IRF644N Datasheet
123Kb / 11P
   Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFD224PBF IRF-IRFD224PBF Datasheet
918Kb / 8P
   HEXFET POWER MOSFET (VDSS = 250V , RDS(on) = 1.1廓 , ID = 0.63A)
IRFR9214PBF IRF-IRFR9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com