Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D128160CT-5 Datasheet(PDF) 6 Page - Qimonda AG

Part # HYB25D128160CT-5
Description  128-Mbit Double-Data-Rate SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25D128160CT-5 Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYB25D128160CT-5 Datasheet HTML 2Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 3Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 4Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 5Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 6Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 7Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 8Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 9Page - Qimonda AG HYB25D128160CT-5 Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Internet Data Sheet
Rev. 1.6, 2007-02
6
03292006-U5AN-6TI1
HYB25D128xxxC[C/E/F/T](L)
128-Mbit Double-Data-Rate SDRAM
2
Pin Configuration
The pin configuration of a DDR SDRAM is listed by function in Table 4 (60 pins). The abbreviations used in the Pin#/Buffer#
column are explained in Table 5 and Table 6 respectively. The pin numbering for FBGA is depicted in Figure 1 and that of the
TSOP package in Figure 2.
TABLE 4
Pin Configuration of DDR SDRAM
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
G2, 45
CK
I
SSTL
Clock Signal
G3, 46
CK
I
SSTL
Complementary Clock Signal
H3, 44
CKE
I
SSTL
Clock Enable
Control Signals
H7, 23
RAS
I
SSTL
Row Address Strobe
G8, 22
CAS
I
SSTL
Column Address Strobe
G7, 21
WE
I
SSTL
Write Enable
H8, 24
CS
I
SSTL
Chip Select
Address Signals
J8, 26
BA0
I
SSTL
Bank Address Bus 2:0
J7, 27
BA1
I
SSTL
K7, 29
A0
I
SSTL
Address Bus 11:0
L8, 30
A1
I
SSTL
L7, 31
A2
I
SSTL
M8, 32
A3
I
SSTL
M2, 35
A4
I
SSTL
L3, 36
A5
I
SSTL
L2, 37
A6
I
SSTL
K3, 38
A7
I
SSTL
K2, 39
A8
I
SSTL
J3, 40
A9
I
SSTL
K8, 28
A10
I
SSTL
AP
I
SSTL
J2, 41
A11
I
SSTL
H2, 42
A12
I
SSTL
Address Signal 12
Note: 256 Mbit or larger dies
NC
NC
Note: 128 Mbit or smaller dies
F9, 17
A13
I
SSTL
Address Signal 13
Note: 1 Gbit based dies
NC
NC
Note: 512 Mbit or smaller dies


Similar Part No. - HYB25D128160CT-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D128160CT-5 INFINEON-HYB25D128160CT-5 Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
More results

Similar Description - HYB25D128160CT-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D128160CT INFINEON-HYB25D128160CT Datasheet
3Mb / 85P
   128 Mbit Double Data Rate SDRAM
Rev. 1.0, Apr. 2004
HYB25D128400AT INFINEON-HYB25D128400AT Datasheet
2Mb / 79P
   128 Mbit Double Data Rate SDRAM
Rev. 1.06, Jan. 2003
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com