Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML145407-6P Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML145407-6P
Description  5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145407-6P Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

  ML145407-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.lansdale.com
Page 7 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145407
1
VDD
VCC
C1+
20
C2+
1
10
µF
ML145407
ML145406
2
3
4
5
6
7
89
10
11
12
13
14
15
16
2
3
4
5
6
7
8
11
12
13
14
15
16
9
10
17
18
19
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
VSS
DO1
DI1
DO2
DI2
DO3
DI3
GND
GND
C2–
VSS
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
DI3
DO3
DI2
DO2
DI1
DO1
VDD
C1–
VCC
+ 5 V
10
µF
10
µF
10
µF
Figure 5. ML145406/ML145407 5 V Only Solution for up to Six EIA–232–E Drivers and Receivers
C1+
C1–
VCC
0.1
µF
120
219
318
417
516
615
714
813
912
10
11
C4
C2
C2+
GND
C2–
VSS
VDD
0.1
µF
+10 V
+5 V
Figure 6. Two Supply Configuration (ML145407 Generates V SS Only)
C1+
C1–
DO1
DI1
DO2
DI2
DO3
DI3
VCC
0.1
µF
120
219
318
417
516
615
714
813
TO
CONNECTOR
MMBZ15VDLT
× 6
912
10
11
C4
C2
C2+
GND
C2–
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
VSS
VDD
0.1
µF
C3
C1
+5 V
Figure 7. ESD Protection Scheme


Similar Part No. - ML145407-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145407-6P LANSDALE-ML145407-6P Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

Similar Description - ML145407-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com