Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T512400B2FL-3.7 Datasheet(PDF) 11 Page - Qimonda AG

Part # HYB18T512400B2FL-3.7
Description  512-Mbit Double-Data-Rate-Two SDRAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18T512400B2FL-3.7 Datasheet(HTML) 11 Page - Qimonda AG

Back Button HYB18T512400B2FL-3.7 Datasheet HTML 7Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 8Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 9Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 10Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 11Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 12Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 13Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 14Page - Qimonda AG HYB18T512400B2FL-3.7 Datasheet HTML 15Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Internet Data Sheet
Rev. 1.12, 2007-05
11
10062006-YPTZ-CDR7
HY[B/I]18T512[40/80/16]0B2[C/F](L)
512-Mbit Double-Data-Rate-Two SDRAM
H8
A0
I
SSTL
Address Signal 12:0, Address Signal 10/Autoprecharge
H3
A1
I
SSTL
H7
A2
I
SSTL
J2
A3
I
SSTL
J8
A4
I
SSTL
J3
A5
I
SSTL
J7
A6
I
SSTL
K2
A7
I
SSTL
K8
A8
I
SSTL
K3
A9
I
SSTL
H2
A10
I
SSTL
AP
I
SSTL
K7
A11
I
SSTL
L2
A12
I
SSTL
L8
A13
I
SSTL
Address Signal 13
Note: x4/x8 512 Mbit components
NC
Note: x16 512 Mbit components
Address Signals
×16 organization
L2
BA0
I
SSTL
Bank Address Bus 1:0
L3
BA1
I
SSTL
L1
NC
M8
A0
I
SSTL
Address Signal 12:0, Address Signal 10/Autoprecharge
M3
A1
I
SSTL
M7
A2
I
SSTL
N2
A3
I
SSTL
N8
A4
I
SSTL
N3
A5
I
SSTL
N7
A6
I
SSTL
P2
A7
I
SSTL
P8
A8
I
SSTL
P3
A9
I
SSTL
M2
A10
I
SSTL
AP
I
SSTL
P7
A11
I
SSTL
R2
A12
I
SSTL
Data Signals
×4/×8 organization
C8
DQ0
I/O
SSTL
Data Signal 3:0
C2
DQ1
I/O
SSTL
D7
DQ2
I/O
SSTL
D3
DQ3
I/O
SSTL
Ball#
Name
Ball
Type
Buffer
Type
Function


Similar Part No. - HYB18T512400B2FL-3.7

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 43P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
More results

Similar Description - HYB18T512400B2FL-3.7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400B QIMONDA-HYB18T512400B Datasheet
3Mb / 68P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
HYI25D512160C QIMONDA-HYI25D512160C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com