Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145407DW Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # MC145407DW
Description  5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145407DW Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC145407DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145407DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.lansdale.com
Issue A
LANSDALE Semiconductor, Inc.
ML145407
Page 2 of 8
Tx
FUNCTION DIAGRAM
VDD
VCC
DI
1.4 V
VSS
300
LEVEL
SHIFT
DRIVER
*
VCC
OSC
VOLTAGE
DOUBLER
VOLTAGE
INVERTER
C3
VDD
C1
C1 – C1 +
C2
C2 +
C2 –
VSS
GND
C4
+
+
+
+
VCC
DO
1.0 V
1.8 V
VSS
Rx
VDD
5.4 k
15 k
VDD
* Proctection circuit
RECEIVER
CHARGE PUMPS
+
+


Similar Part No. - MC145407DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145407DW MOTOROLA-MC145407DW Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
MC145407DW LANSDALE-MC145407DW Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

Similar Description - MC145407DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com