Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170D2 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # MC145170D2
Description  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145170D2 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button MC145170D2 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LANSDALE Semiconductor, Inc.
ML145170
www.lansdale.com
Page 10 of 26
Frequency of fV > fR or Phase of fV Leading fR: positive
pulses from high impedance
Frequency of fV < fR or Phase of fV Lagging fR: negative
pulses from high impedance
Frequency and Phase of fV = fR: essentially high–impedance
state; voltage at pin determined by loop filter
out can be forced to the high–impedance
state by utilization of the disable feature in the C register
φR and φV
Double–Ended Phase/Frequency Detector Outputs (Pins 14,
15)
These outputs can be combined externally to generate a loop
error signal. Through use of a Motorola patented technique,
the detector’s dead zone has been eliminated. Therefore, the
phase/frequency detector is characterized by a linear transfer
function. The operation of the phase/frequency detector is
described below and is shown in Figure 17.
POL bit (C7) in the C register = low (see Figure 14)
Frequency of fV > fR or Phase of fV Leading fR: φV = neg-
ative pulses,
φR = essentially high
Frequency of fV < fR or Phase of fV Lagging fR: φV =
Frequency and Phase of fV = fR: φV and φR remain essen-
tially high, except for a small minimum time period when both
pulse low in phase
POL bit (C7) = high
Frequency of fV > fR or Phase of fV Leading fR: φR = nega-
tive pulses,
φV = essentially high
Frequency of fV < fR or Phase of fV Lagging fR: φR = essen-
tially high,
φV = negative pulses
Frequency and Phase of fV = fR: φV and φR remain essen-
tially high, except for a small minimum time period when both
pulse low in phase
These outputs can be enabled, disabled, and interchanged via
the C register (patented)
LD
Lock Detector Output (Pin 11)
This output is essentially at a high level with narrow
low–going pulses when the loop is locked (fR and fV of the
same phase and frequency). The output pulses low when fV
and fR are out of phase or different frequencies (See Figure
17).
This output can be enabled and disabled via the C register
(patented). Upon power up, on–chip initialization circuitry dis-
ables LD to a static low logic level to prevent a false “lock”
signal. If unused, LD should be disabled and left open.
POWER SUPPLY
VDD
Most Positive Supply Potential (Pin 16)
This pin may range from 2.7 to 5.5 V with respect to VSS.
For optimum performance, VDD should be bypassed to VSS
using low–inductance capacitor(s) mounted very close to the
device. Lead lengths on the capacitor(s) should be minimized.
(The very fast switching speed of the device causes current
spikes on the power leads.)
VSS
Most Negative Supply Potential (Pin 12)
This pin is usually ground. For measurement purposes, the
VSS pin is tied to a ground plane.
NOTE:
This initialization sequence is usually not necessary because the on–chip power–on reset circuit performs the initialization
function. However, this initialization sequence must be used immediately after power up if control of the CLK pin is not
possible. That is, if CLK (Pin 7) toggles or floats upon power up, use the above sequence to reset the device.
2.7 V, but not down to at least 1 V (for example, the supply drops down to 2 V). This is necessary because the on–chip
power–on reset is only activated when the supply ramps up from a voltage below approximately 1.0 V.
Figure 13. Reset Sequence
essentially high,
φR = negative pulses
h
This output can be enabled, disabled, and inverted via the C
(patented).
register. If desired, PD
Also, use this sequence if power is momentarily interrupted such thhhhhhat the supply voltage to the device is reduced to below
Issue A


Similar Part No. - MC145170D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170D2 MOTOROLA-MC145170D2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170D2 FREESCALE-MC145170D2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com