Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170D2 Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # MC145170D2
Description  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145170D2 Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button MC145170D2 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145170D2 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LANSDALE Semiconductor, Inc.
ML145170
www.lansdale.com
Page 6 of 26
LOOP SPECIFICATION ( TA = –40° to 85°C)
Figure
VDD
Guaranteed Range
Parameter
Test Condition
Symbol
No.
V
Min
Max
Unit
Input Frequency, fin [Note]
Vin ≥ 500 mVpp Sine Wave
N Counter Set to Divide Ratio
Such that f
≤ 2.0 MHz
f
7
2.7
3.0
4.5
5.5
5.0
5.0
25
45
80
100
185
185
MHz
Input Frequency, OSCin
Externally Driven with AC–coupled
Signal
Vin ≥ 1.0 VPP Sine Wave
OSCout = No Connect
R Counter Set to Divide Ratio
Such that fR ≤ 2 MHz
f
8a
2.7
3.0
4.5
5.5
1.0*
1.0*
1.0*
1.0*
22
25
30
35
MHz
Crystal Frequency, OSCin and OSCout C1 ≤ 30 pF
C2
≤ 30pF
Includes Stray Capacitance
fXTAL
9
2.7
3.0
4.5
5.5
2.0
2.0
2.0
2.0
12
12
15
15
MHz
Output Frequency REFout
CL = 30 pF
fout
10, 12
2.7
4.5
5.5
DC
DC
DC
10
10
MHz
Operating Frequency of the
Phase Detectors
f
2.7
4.5
5.5
DC
DC
DC
20
20
MHz
Output Pulse Width,
φR, φV, and LD
fR in Phase with fV
CL = 50 pF
tw
11, 12
2.7
4.5
5.5
20
16
100
90
ns
Output Transition Times,
φR, φV, LD, fR, and fV
CL = 50pF
tTLH,
t
11, 12
2.7
4.5
5.5
65
60
ns
in
OSC
f
in
Cin
7.0
7.0
pF
* IF lower frequency is desired, use wave shaping or higher amplitude sinusoidal signal in AC–coupled case. Also, see Figure 22 for DC coupling
THL
Input Capacitance
v
Issue A


Similar Part No. - MC145170D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170D2 MOTOROLA-MC145170D2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170D2 FREESCALE-MC145170D2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com