Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145162D Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # MC145162D
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145162D Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC145162D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC145162D Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.lansdale.com
Page 9 of 24
Issue 0
fR1
S2
fR1
S1
AUX
REF
ENABLE
14–BITS AUX REF FREQ
DATA
12–BITS REF FREQ
DATA
REFERENCE
FREQUENCY
SELECT
AUX REFERENCE
FREQUENCY COUNTER
DIVIDE RATIO
REFERENCE FREQUENCY COUNTER
IDENTIFIER = 0
REFERENCE
FREQUENCY
SELECT
0
Rx–0
SELECT
Tx–0
SELECT
ENB
REFERENCE
FREQUENCY
COUNTER
DIVIDE RATIO
Din
Figure 9. Programming Format of the Auxiliary/Reference Frequency Counters
NOTE: ENB must be high during the serial transfer.
CLK
Figure 10. MCU Interface Using SPI
ENB
CLK
Din
MCU
USING
SERIAL PERIPHERAL
INTERFACE PORT
UNIVERSAL PLL
AUX DATA BIT = 0
Figure 11. MCU Interface Using Normal I/O Ports with
Both Din and ADin for Faster Programming Time
Din
ENB
CLK
ADin
MCU
USING
NORMAL I/O PORT
UNIVERSAL PLL
AUX DATA BIT = 1
LANSDALE Semiconductor, Inc.
ML145162


Similar Part No. - MC145162D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145162D MOTOROLA-MC145162D Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
LANSDALE Semiconductor ...
MC145162D LANSDALE-MC145162D Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162D1 MOTOROLA-MC145162D1 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
More results

Similar Description - MC145162D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com