Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML145162 Datasheet(PDF) 14 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 14 Page - LANSDALE Semiconductor Inc.

Back Button ML145162 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.lansdale.com
Page 14 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
fin–R
16–BIT Rx PROGRAMMABLE
CHANNELS COUNTER
RxPS
RxPS / fRx
fRx
16–BIT Tx PROGRAMMABLE
CHANNELS COUNTER
fin–T
TxPS
TxPS / fTx
fTx
IF TEST BIT IS SET TO 1, THE fTx
AND fRx ARE MUXED OUT AT PINS
TxPS/fTx AND RxPS/fRx,
RESPECTIVELY, FOR Rx/Tx
CHANNEL COUNTER TEST.
CONTROL REGISTER IDENTIFIER = 1
REF PD
ENABLE
RxPD
ENABLE
TxPD
ENABLE
10
TEST
BIT
AUX
DATA
SELECT
CONTROL REGISTER
Din
REF
OUT
Figure 18. RF Buffer Sensitivity
3/
4
Tx/Rx CHANNEL COUNTER TEST
In normal applications, the TxPS/fTx and the RxPS/fRx out-
put pins indicate the power saving mode status. However, the
user can examine the Tx and Rx channel counter outputs by
setting the Test bit in the control register to 1. The final value
of the transmit–channel counter and the receive–channel count-
er multiplex out to TxPS/fTx and RxPS/fRx respectively. The
user can verify the divided–down output waveform associated
with the RF input level in the PLL circuitry implementation
(Figure 18).


Similar Part No. - ML145162

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162-5P LANSDALE-ML145162-5P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162EP LANSDALE-ML145162EP Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

Similar Description - ML145162

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com