Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S512400AT Datasheet(PDF) 6 Page - Qimonda AG

Part # HYB39S512400AT
Description  512-Mbit Synchronous DRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB39S512400AT Datasheet(HTML) 6 Page - Qimonda AG

Back Button HYB39S512400AT Datasheet HTML 2Page - Qimonda AG HYB39S512400AT Datasheet HTML 3Page - Qimonda AG HYB39S512400AT Datasheet HTML 4Page - Qimonda AG HYB39S512400AT Datasheet HTML 5Page - Qimonda AG HYB39S512400AT Datasheet HTML 6Page - Qimonda AG HYB39S512400AT Datasheet HTML 7Page - Qimonda AG HYB39S512400AT Datasheet HTML 8Page - Qimonda AG HYB39S512400AT Datasheet HTML 9Page - Qimonda AG HYB39S512400AT Datasheet HTML 10Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Internet Data Sheet
Rev. 1.52, 2007-06
6
03292006-6Y91-0T2Z
HY[I/B]39S512[40/80/16]0A[E/T]
512-Mbit Synchronous DRAM
Data Signals x4 Organization
5
DQ0
I/O
LVTTL
Data Signal Bus [3:0]
11
DQ1
I/O
LVTTL
44
DQ2
I/O
LVTTL
50
DQ3
I/O
LVTTL
Data Signals x8 Organization
2
DQ0
I/O
LVTTL
Data Signal Bus [7:0]
5
DQ1
I/O
LVTTL
8
DQ2
I/O
LVTTL
11
DQ3
I/O
LVTTL
44
DQ4
I/O
LVTTL
47
DQ5
I/O
LVTTL
50
DQ6
I/O
LVTTL
53
DQ7
I/O
LVTTL
Data Signals x16 Organization
2
DQ0
I/O
LVTTL
Data Signal Bus [15:0]
4
DQ1
I/O
LVTTL
5
DQ2
I/O
LVTTL
7
DQ3
I/O
LVTTL
8
DQ4
I/O
LVTTL
10
DQ5
I/O
LVTTL
11
DQ6
I/O
LVTTL
13
DQ7
I/O
LVTTL
42
DQ8
I/O
LVTTL
44
DQ9
I/O
LVTTL
45
DQ10
I/O
LVTTL
47
DQ11
I/O
LVTTL
48
DQ12
I/O
LVTTL
50
DQ13
I/O
LVTTL
51
DQ14
I/O
LVTTL
53
DQ15
I/O
LVTTL
Data Mask x4 / x8 Organization
39
DQM
I/O
LVTTL
Data Mask
Data Mask x16 Organization
39
UDQM I/O
LVTTL
Data Mask Upper Byte
15
LDQM
I/O
LVTTL
Data Mask Lower Byte
Power Supplies x4 /x8/ x16 Organization
3, 43, 49
V
DDQ
PWR
Power Supply
1, 14
V
DD
PWR
Power Supply
Ball No. Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYB39S512400AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
HYB39S512400AT-7 INFINEON-HYB39S512400AT-7 Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
HYB39S512400AT-7.5 INFINEON-HYB39S512400AT-7.5 Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
HYB39S512400AT-8 INFINEON-HYB39S512400AT-8 Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
More results

Similar Description - HYB39S512400AT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Siemens Semiconductor G...
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S64400CT-7.5 INFINEON-HYB39S64400CT-7.5 Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com