Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145028DW Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # MC145028DW
Description  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145028DW Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC145028DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145028DW Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.lansdale.com
Page 3 of 19
Issue 0
LANSDALE Semiconductor, Inc.
ML145026, ML145027, ML145028
9
8
7
6
543
2
1
SEQUENCER CIRCUIT
1
2
3
4
5
15
14
13
12
A1
A2
A3
A4
A5
A6
A7
A8
A9
CONTROL
LOGIC
9–BIT
SHIFT
REGISTER
9
Din
11
VT
DATA
EXTRACTOR
Figure 3. ML145028 Decoder Block Diagram
VDD = PIN 16
VSS = PIN 8
C1
C2
R2
R1
76
10
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18
V
VDD
DC Supply Voltage
– 0.5 to + 10
V
Vin
DC Input Voltage
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage
– 0.5 to VDD + 0.5
V
Iin
DC Input Current, per Pin
± 10
mA
Iout
DC Output Current, per Pin
± 10
mA
PD
Power Dissipation, per Package
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the limits in the Electrical Characteristics tables or
Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of any
voltage higher than maximum rated voltages
to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.


Similar Part No. - MC145028DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145028DW FREESCALE-MC145028DW Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
MC145028DW FREESCALE-MC145028DW Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Similar Description - MC145028DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com