Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML144111 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML144111
Description  Digital-to-Analog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML144111 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML144111 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML144111 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
ML144110
ML144111
Digital–to–Analog Converters
with Serial Interface
Legacy Device: Motorola/Freescale MC144110, MC144111
The ML144110 and ML144111 are low–cost 6–bit D/A converters with
serial interface ports to provide communication with CMOS microproces-
sors and microcomputers. The ML144110 contains six static D/A convert-
ers; the ML144111 contains four converters.
Due to a unique feature of these DACs, the user is permitted easy scaling
of the analog outputs of a system. Over a 5 to 15 V supply range, these
DACs maybe directly interfaced to CMOS MPUs operating at 5 V.
• Direct R–2R Network Outputs
• Buffered Emitter–Follower Outputs
• Serial Data Input
• Digital Data Output Facilitates Cascading
• Direct Interface to CMOS µP
• Wide Operating Voltage Range: 4.5 to 15 V
• Wide Operating Temperature Range: TA = 0 to 85°C
• Software Information is Contained in Document M68HC11RM/AD
BLOCK DIAGRAM
* Transparent Latch
Din
CLK
ENB
*
C
D
6–BIT SHIFT REGISTER
HEX LATCH
HEX BUFFER (INVERTING)
Dout
Qn
OUT
Rn
OUT
RR
R
R
R
2R
2R
2R
2R
2R
2R
R1 OUT
VDD
Q1 OUT
2R
C
P DIP 18 = VP
PLASTIC DIP
CASE 707
SO 20W = -6P
SOG PACKAGE
CASE 751D
P DIP 14 = CP
PLASTIC DIP
CASE 646
SO 16W = -5P
SOG PACKAGE
CASE 751G
MC144110
MC144111
18
1
20
1
14
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 18
MC144110P
ML144110VP
SO 20W
MC144110DW
ML144110-6P
P DIP 14
MC144111P
ML144111CP
SO 16W
MC144111DW
ML144111-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
CMOS LSI
C
DQ
Issue A


Similar Part No. - ML144111

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML144111 LANSDALE-ML144111 Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
ML144111-5P LANSDALE-ML144111-5P Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
ML144111CP LANSDALE-ML144111CP Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Similar Description - ML144111

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com