Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML13175 Datasheet(PDF) 13 Page - LANSDALE Semiconductor Inc.

Part # ML13175
Description  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13175 Datasheet(HTML) 13 Page - LANSDALE Semiconductor Inc.

Back Button ML13175 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 16Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LANSDALE Semiconductor, Inc.
ML13175/ML13176
RFOut
SM
A
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
150–05J08
0.165
µ
(2)
VEE
0.1
µ
1.0k
150p
f/N
ML13175
Crystal
3rd Overtone
40.0000 MHz
27k
(5)
VCC
RFC1
150p
Z = 50
(1)
9
10
11
12
13
14
15
16
3.3k
Rmod
Figure 21. ASK 320 MHz Application Circuit
NOTES: 1. 50
Ω coaxial balun, 1/10 wavelength line (1.5") provides the best
match to a 50
Ω load.
2. Pins 5, 10 and 15 are ground and connnected to VEE which is
the component/DC ground plane side of PCB. These pins must
be decoupled to VCC; decoupling capacitors should be placed
as close as possible to the pins.
3. The crystal oscillator circuit may be adjusted for frequency with
the variable inductor (MC13175); 1.0 k resistor shunting the
crystal prevents it from oscillating in the fundamental mode.
Recommended source is Coilcraft “slot seven” 7.0 mm tuneable
inductor, part #7M3–821.
100p
(ML13176)
VCC
30p
(ML13175)
ML13175–30p
ML13176–180p
0.82
µ
1.0k
0.01
µ
ML13176
Crystal
Fundamental
10 MHz
(3)
VCC
(4)
On–Off Keyed Input
TTL Level 10 kHz
0.01
µ
VEE
S1
VEE
0.1
µ
4. The On–Off keyed signal turns the output of the transmitter off and on with
TTL level pulses through Rmod at Pin 16. The "On" power and ICC is set
by the resistor which sets Imod = VTTL – 0.8 / Rmod. (see Figure 23).
5. S1 simulates an enable gate pulse from a microprocessor which will
enable the transmitter. (see Figure 4 to determine precise value of the
enabling resistor based on the potential of the gate pulse and the
desired enable.)
Legacy Applications Information
Figure 21 shows a typical application in which the output
power has been reduced for linearity and current drain. The
current draw on the device is 16 mA ICC (average) and –22.5
dBm (average power output) using a 10 kHz modulating rate
for the on–off keying. This equates to 20 mA and –2.3 dBm
“on”, 13 mA and –41 dBm “Off ”. The crystal oscillator
enable time is needed to set the acquisition timing. It takes
typically 4.0 msec to reach full magnitude of the oscillator
waveform. A square waveform of 3.0 V peak with a period
that is greater than the oscillator enable time is applied to the
Enable (Pin 11)
www.lansdale.com
Page 13 of 16
Issue c


Similar Part No. - ML13175

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13175-5P LANSDALE-ML13175-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Similar Description - ML13175

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com