Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL827 Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL827
Description  USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL827 Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL827 Datasheet HTML 1Page - GENESYS LOGIC GL827 Datasheet HTML 2Page - GENESYS LOGIC GL827 Datasheet HTML 3Page - GENESYS LOGIC GL827 Datasheet HTML 4Page - GENESYS LOGIC GL827 Datasheet HTML 5Page - GENESYS LOGIC GL827 Datasheet HTML 6Page - GENESYS LOGIC GL827 Datasheet HTML 7Page - GENESYS LOGIC GL827 Datasheet HTML 8Page - GENESYS LOGIC GL827 Datasheet HTML 9Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
GL827 USB 2.0 Single Slot Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 3
Revision History
Revision
Date
Description
1.00
2006/04/11
First formal release
1.01
2006/05/05
Add Reset Timing
1.03
2006/06/06
1. Add Clock source selection
2. Add Reset pull up with DVDD
3. Modify DVDD(Pin15) on 48Pin package
4. Check PMOS output current
1.04
2006/06/06
Add Micro SD / MMC Micro / MS PRO Micro support
1.05
2006/08/28
1. Add 5V to 3.3 V regulator characteristic
2. Remove all the description of over-current protection
3. Delete AVDD1~4 (Pin15) on 100Pin package
1.06
2006/10/12
1. Add 48Pin LQFN package
2. Add QFN24 package and CSP23 package
3. Modify pin name for simplification and pin type
4. Support MMCv4.2
1.07
2007/03/23
1. Add Vista submission number 1218426, p8.
2. Modify xD 1.2B to 1.2C, p8.
3. Supports Slew Rate Control (SRC) to reduce EMI effect
1.08
2007/08/30
1. Add SSOP28, p7,8,14,18,19,45,46
1.09
2007/09/06
1. Update reset timing in section 6.6.8, p.38


Similar Part No. - GL827

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL827L-HHG GENESYS-GL827L-HHG Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL827L-OGG GENESYS-GL827L-OGG Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
More results

Similar Description - GL827

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
Realtek Semiconductor C...
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
   USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
   USB 2.0 SD/MMC Single Slot Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
GENESYS LOGIC
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
   USB 2.0 MS/ MS PRO/ SD/ MMC Controller
logo
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
   USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com