Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L16PTM-F Datasheet(PDF) 9 Page - AMIC Technology

Part # A25L16PTM-F
Description  16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L16PTM-F Datasheet(HTML) 9 Page - AMIC Technology

Back Button A25L16PTM-F Datasheet HTML 5Page - AMIC Technology A25L16PTM-F Datasheet HTML 6Page - AMIC Technology A25L16PTM-F Datasheet HTML 7Page - AMIC Technology A25L16PTM-F Datasheet HTML 8Page - AMIC Technology A25L16PTM-F Datasheet HTML 9Page - AMIC Technology A25L16PTM-F Datasheet HTML 10Page - AMIC Technology A25L16PTM-F Datasheet HTML 11Page - AMIC Technology A25L16PTM-F Datasheet HTML 12Page - AMIC Technology A25L16PTM-F Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
A25L16P Series
PRELIMINARY
(April, 2007, Version 0.6)
8
AMIC Technology Corp.
Table 2-2. A25L16PU Memory Organization
Sector
Sector Size (Kbytes)
Address Range
31
64
1F0000h
1FFFFFh
30
64
1E0000h
1EFFFFh
29
64
1D0000h
1DFFFFh
28
64
1C0000h
1CFFFFh
27
64
1B0000h
1BFFFFh
26
64
1A0000h
1AFFFFh
25
64
190000h
19FFFFh
24
64
180000h
18FFFFh
23
64
170000h
17FFFFh
22
64
160000h
16FFFFh
21
64
150000h
15FFFFh
20
64
140000h
14FFFFh
19
64
130000h
13FFFFh
18
64
120000h
12FFFFh
17
64
110000h
11FFFFh
16
64
100000h
10FFFFh
15
64
F0000h
FFFFFh
14
64
E0000h
EFFFFh
13
64
D0000h
DFFFFh
12
64
C0000h
CFFFFh
11
64
B0000h
BFFFFh
10
64
A0000h
AFFFFh
9
64
90000h
9FFFFh
8
64
80000h
8FFFFh
7
64
70000h
7FFFFh
6
64
60000h
6FFFFh
5
64
50000h
5FFFFh
4
64
40000h
4FFFFh
3
64
30000h
3FFFFh
2
64
20000h
2FFFFh
1
64
10000h
1FFFFh
0-4
32
08000h
0FFFFh
0-3
16
04000h
07FFFh
0-2
8
02000h
03FFFh
0-1
4
01000h
01FFFh
0-0
4
00000h
00FFFh


Similar Part No. - A25L16PTM-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16PMF-50 AMICC-A25L16PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50F AMICC-A25L16PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50U AMICC-A25L16PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50UF AMICC-A25L16PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMW-50 AMICC-A25L16PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L16PTM-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
   1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com