Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13135DW Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # MC13135DW
Description  FM Communications Receiver; Dual Conversion Narrowband FM Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13135DW Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC13135DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13135DW Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.lansdale.com
Page 9 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
RSSI
VCC2
SPEAKER
RF IN
MC13135
MC13136
Figure 18. PC Board Solder Side View
Figure 19. PC Board Component View
(Circuit Side View)
NOTES: 1. 0.2
µH tunable (unshielded) inductor
2. 39 MHz Series mode resonant
3rd Overtone Crystal
3. 1.5
µH tunable (shielded) inductor
4. 10.245 MHz Fundamental mode crystal,
32 pF load
5. 455 kHz ceramic filter, muRata CFU 455B
or equivalent
6. Ceramic discriminator, muRata CDB455C34
or equivalent
7. 10.7 MHz ceramic filter, muRata SFE10.7MJ–A
or equivalent
3.375
2200p
27p
5p
0.1
120p
0.1
0.1
0.1
2.7k
0.1
0.22
0.15
1.0k
360
0.01
62p
1.0 k
39 MHz
10.245 MHz
1.0
10
+4.7
+10
MC34119
XT
XT
+
CF
455 KHz
3
4
5
2
1
7
+
270p
6
10k
Legacy Applications Information


Similar Part No. - MC13135DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13135DW LANSDALE-MC13135DW Datasheet
504Kb / 11P
   FM Communications Receiver
More results

Similar Description - MC13135DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
   FM Communications Receiver
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
   FM Receiver
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com