Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL828 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL828
Description  USB 2.0 SD/MMC Single Slot Card Reader Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL828 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL828 Datasheet HTML 11Page - GENESYS LOGIC GL828 Datasheet HTML 12Page - GENESYS LOGIC GL828 Datasheet HTML 13Page - GENESYS LOGIC GL828 Datasheet HTML 14Page - GENESYS LOGIC GL828 Datasheet HTML 15Page - GENESYS LOGIC GL828 Datasheet HTML 16Page - GENESYS LOGIC GL828 Datasheet HTML 17Page - GENESYS LOGIC GL828 Datasheet HTML 18Page - GENESYS LOGIC GL828 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GL828 USB 2.0 SD/MMC Single Slot Card Reader Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 15
CHAPTER 6
ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
Table 6.1 - Absolute Maximum Ratings
Parameter
Value
Storage Temperature
-65°C to +150 °C
Ambient Temperature
-40°C to +80 °C
Supply Voltage to Ground Potential
-0.5V to +4.0V
DC Input Voltage to Any Pin
-0.5V to +5.8V
6.2 Operating Conditions
Table 6.2 - Operating Conditions
Parameter
Value
Ta (Ambient Temperature Under Bias)
0°C to 70°C
Supply Voltage
+3.0V to +3.6V
Ground Voltage
0V
FOSC (Oscillator or Crystal Frequency)
12 MHz ± 0.05%
12 MHz ± 0.25% (for USB full-speed only)
6.3 DC Characteristics
Table 6.3 - DC Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VREG
Regulation Supply Voltage
4.5
-
5.5
V
VCC
Supply Voltage
3.0
-
3.6
V
VIH
Input High Voltage
2.0
-
3.6
V
VIL
Input Low Voltage
-0.3
-
0.8
V
II
Input Leakage current
0 < VIN < VCC
-10
-
10
µA
VOH
Output High Voltage
2.4
-
-
V
VOL
Output Low Voltage
-
-
0.4
V
IOH
Output Current High
VDD=3.3V VOH=2.4V
-
8
-
mA
IOL
Output Current Low
VDD=3.3V VOL=0.4V
10
8
-
mA
CIN
Input Pin Capacitance
-
5
-
pF
ISUSP
Suspend current
1.5K external pull-up
included
-
-
450
µA
ICC
Supply current
Connect to USB with 8051
operating
-
-
60
mA


Similar Part No. - GL828

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL823K-HCYXX GENESYS-GL823K-HCYXX Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
GL824-MZGXX GENESYS-GL824-MZGXX Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
More results

Similar Description - GL828

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
   USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
Prolific Technology Inc...
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
List of Unclassifed Man...
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
   USB2.0 SD/MMC Single LUN Card Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
   USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
   USB 2.0 SD/MMC-controller Combo Solution
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
   USB 2.0 MS/ MS PRO/ SD/ MMC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com