Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A25L16P Datasheet(PDF) 2 Page - AMIC Technology

Part No. A25L16P
Description  16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo 

A25L16P Datasheet(HTML) 2 Page - AMIC Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
A25L16P Series
16 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 85MHz SPI Bus Interface
PRELIMINARY
(April, 2007, Version 0.6)
1
AMIC Technology Corp.
FEATURES
16 Mbit of Flash Memory
Flexible Sector Architecture (4/4/8/16/32)KB/64x31 KB
Bulk Erase (16 Mbit) in 20s (typical)
Sector Erase (512 Kbit) in 1s (typical)
Page Program (up to 256 Bytes) in 1.5ms (typical)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
85MHz Clock Rate (maximum)
Fast Read Dual Operation Instruction (3Bh/BBh)
Deep Power-down Mode 1µA (typical)
Top or Bottom Boot Block Configuration Available
Electronic Signature
- JEDEC Standard Two-Byte Signature (2015h, Bottom;
or 2025, Top)
- RES Instruction, One-Byte, Signature (14h)
Package Options
- 8-pin SOP (209mil), 16-pin SOP, or 8-pin QFN
- All Pb-free (Lead-free) products are ROHS complaint
GENERAL DESCRIPTION
The A25L16P is a 16 Mbit (2M x 8) Serial Flash Memory,
with advanced write protection mechanisms, accessed by a
high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as 32 sectors, each containing 256
pages. Each page is 256 bytes wide. Thus, the whole
memory can be viewed as consisting of 8192 pages, or
2,097,152 bytes.
The whole memory can be erased using the Bulk Erase
instruction, or a sector at a time, using the Sector Erase
instruction.
Pin Configurations
SO8 Connections
SO16 Connections
QFN8 Connections
V
CC
C
DU
DO
S
HOLD
V
SS
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
A25L16P
V
CC
C
DO
DIO
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
A25L16P
DU
DU
DU
DIO
DU
DU
DU
DU
W
Note:
DU = Do not Use
V
CC
C
DIO
DO
S
W
HOLD
V
SS
A25L16P
1
2
3
4
8
7
6
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn