Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L16P Datasheet(PDF) 16 Page - AMIC Technology

Part # A25L16P
Description  16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L16P Datasheet(HTML) 16 Page - AMIC Technology

Back Button A25L16P_07 Datasheet HTML 12Page - AMIC Technology A25L16P_07 Datasheet HTML 13Page - AMIC Technology A25L16P_07 Datasheet HTML 14Page - AMIC Technology A25L16P_07 Datasheet HTML 15Page - AMIC Technology A25L16P_07 Datasheet HTML 16Page - AMIC Technology A25L16P_07 Datasheet HTML 17Page - AMIC Technology A25L16P_07 Datasheet HTML 18Page - AMIC Technology A25L16P_07 Datasheet HTML 19Page - AMIC Technology A25L16P_07 Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
A25L16P Series
PRELIMINARY
(April, 2007, Version 0.6)
15
AMIC Technology Corp.
Read Data Bytes at Higher Speed (FAST_READ)
The device is first selected by driving Chip Select ( S ) Low.
The instruction code for the Read Data Bytes at Higher
Speed (FAST_READ) instruction is followed by a 3-byte
address (A23-A0) and a dummy byte, each bit being
latched-in during the rising edge of Serial Clock (C). Then the
memory contents, at that address, is shifted out on Serial
Data Output (DO), each bit being shifted out, at a maximum
frequency fC, during the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 9. The first byte
addressed can be at any location. The address is
automatically incremented to the next higher address after
each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes at Higher
Speed (FAST_READ) instruction. When the highest address
is reached, the address counter rolls over to 000000h,
allowing the read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ)
instruction is terminated by driving Chip Select ( S ) High.
Chip Select ( S ) can be driven High at any time during data
output. Any Read Data Bytes at Higher Speed (FAST_READ)
instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle
that is in progress.
Figure 9. Read Data Bytes at Higher Speed (FAST_READ) Instruction Sequence and Data-Out Sequence
Instruction
High Impedance
MSB
810
9
01 2 3 4
5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
Data Out 1
Data Out 2
7
0
S
C
DIO
DO
S
C
DIO
DO
32 33 34 35 36 37 38 39
654
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
MSB
0
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
Note: Address bits A23 to A21 are Don’t Care.


Similar Part No. - A25L16P_07

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16PMF-50 AMICC-A25L16PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50F AMICC-A25L16PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50U AMICC-A25L16PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMF-50UF AMICC-A25L16PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L16PMW-50 AMICC-A25L16PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L16P_07

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
   2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
   64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
   1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com