Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A25L16P Datasheet(PDF) 1 Page - AMIC Technology

Part No. A25L16P
Description  16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMICC [AMIC Technology]
Homepage  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L16P Datasheet(HTML) 1 Page - AMIC Technology

  A25L16P_07 Datasheet HTML 1Page - AMIC Technology A25L16P_07 Datasheet HTML 2Page - AMIC Technology A25L16P_07 Datasheet HTML 3Page - AMIC Technology A25L16P_07 Datasheet HTML 4Page - AMIC Technology A25L16P_07 Datasheet HTML 5Page - AMIC Technology A25L16P_07 Datasheet HTML 6Page - AMIC Technology A25L16P_07 Datasheet HTML 7Page - AMIC Technology A25L16P_07 Datasheet HTML 8Page - AMIC Technology A25L16P_07 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A25L16P Series
16 Mbit, Low Voltage, Serial Flash Memory
Preliminary
With 85MHz SPI Bus Interface
PRELIMINARY
(April, 2007, Version 0.6)
AMIC Technology Corp.
Document Title
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
March 10, 2006
Preliminary
0.1
Change part no. from A25L160P to A25L16P
March 23, 2006
0.2
Change the frequency to 70 MHz
March 27, 2006
Add the Fast Read Dual Input-Output Mode
0.3
Add QFN 8L (5 x 6mm) package type
April 20, 2006
0.4
Top or bottom boot block configuration available
December 5, 2006
0.5
Change the frequency to 85 MHz
February 6, 2007
Remove the REMS mode
Correct the A25LPT memory organization of Table 2-1
Reduce the options of protected area size to all sectors
protected and all sectors unprotected
Modify the ICC1 and ICC3 of Table 10
Modify the tW and tBE of Table 11
0.6
Add transient voltage (<20ns) on any pin to ground potential spec.
April 24, 2007


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn