Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12179D Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # MC12179D
Description  500-2800 MHz Single Channel Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12179D Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button MC12179D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC12179D Datasheet HTML 11Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.lansdale.com
Page 7 of 11
Issue A
LANSDALE Semiconductor, Inc.
ML12179
Legacy Applications Information
Appendix: Derivation of Loop Filter Transfer Function
The purpose of the loop filter is to convert the current from the
phase detector to a tuning voltage for the VCO. The total transfer
function is derived in two steps. Step 1 is to find the voltage gen-
erated by the impedance of the loop filter. Step 2 is to find the
transfer function from the input of the loop filter to its output.
The “voltage” times the “transfer function” is the overall transfer
function of the loop filter. To use these equations in determining
the overall transfer function of a PLL multiply the filter's imped-
ance by the gain constant of the phase detector then multiply that
by the filter's transfer function (which is unity in the 2nd and 3rd
order cases below).
Figure 10. Transfer Function for the Crystal Noise in the Frequency Plane
Figure 11. Transfer Function for the VCO Noise in the Frequency Plane
T(j
ω=
)N
1+ j
2
ζ
o
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
ω
1
(
((
(
(
(
(
(
(
(
(
(
+–
+
+–
K3K4
4
o4
B
2
o2
j2
ζ
()
o
(AK4
K5)
3
o3
T(j
ω=
)
K3K4
4
o4
B
2
o2
j
–+
(AK4
K5)
3
o3
1+
K3K4
4
o4
B
2
o2
j
++
2
ζ
o
(AK4
K5)
3
o3
Figure 12. Overall Transfer Function of the PLL
For the 2nd Order PLL:
Vp
Co
Ro
Vt
ZLF(s)
RoCos1
Cos
TLF(s)
Vt(s)
Vp(s)
1,
==
=
=
+
Vp(s)
Kp(s)ZLF(s)
For the 3rd Order PLL:
Vp
Co
Ro
Vt
ZLF(s)
RoCos1
+
CoRoCas2
(Co
Ca)s
++
TLF(s)
Vt(s)
Vp(s)
1,
=
=
=
=
Vp(s)
Kp(s)ZLF(s)
Ca
For the 4th Order PLL:
Vp
Co
Ro
Vt
ZLF(s) =
(RoCos1)
++
(RxCxs1)
CoRoCaRxCxs3
[
++
+
+
+
+
+
(Co
Ca)RxCx
CoRo(Cx
Ca) ] s2
(Co
Ca
Cx)s
TLF(s) =
=
Vt(s)
Vp(s)
1
(RxCxs1)
+
,Vp(s) = Kp(s)ZLF(s)
Ca
Rx
Cx


Similar Part No. - MC12179D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12179D MOTOROLA-MC12179D Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC12179D LANSDALE-MC12179D Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
More results

Similar Description - MC12179D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12179 MOTOROLA-MC12179 Datasheet
343Kb / 11P
   500 - 2800 MHz Single Channel Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12179 LANSDALE-ML12179_08 Datasheet
298Kb / 11P
   500-2800 MHz Single Channel Frequency Synthesizer
logo
Mallory Sonalert Produc...
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
MAS806SQ MSPI-MAS806SQ Datasheet
112Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
   Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com