Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL811E Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL811E
Description  USB 2.0 to ATA / ATAPI Bridge Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL811E Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL811E Datasheet HTML 1Page - GENESYS LOGIC GL811E Datasheet HTML 2Page - GENESYS LOGIC GL811E Datasheet HTML 3Page - GENESYS LOGIC GL811E Datasheet HTML 4Page - GENESYS LOGIC GL811E Datasheet HTML 5Page - GENESYS LOGIC GL811E Datasheet HTML 6Page - GENESYS LOGIC GL811E Datasheet HTML 7Page - GENESYS LOGIC GL811E Datasheet HTML 8Page - GENESYS LOGIC GL811E Datasheet HTML 9Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
GL811E USB 2.0 to ATA/ATAPI Bridge Controller
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 3
Revision History
Revision
Date
Description
1.00
06/13/2003
First formal release.
1.01
06/24/2003
Changed product name from GL811 to GL811E.
1.10
11/26/2003
1. Added some features in Chapter 2.
2. Added 64 pin LQFP data in pinouts, pin description and package dimension.
3. Added Chapter 8 “Ordering Infromation”.
1.11
11/27/2003
Changed pin# 38,39,21 name from IOADR0~2 to DA0~2.
1.20
05/05/2004
1. Removed PIO mode description.
2. Changed package dimension
1.21
09/23/2004
1. Added USB2.0 certified Test ID in Chapter 2 Features
2. Updated IC Marking in package dimension diagram
1.22
12/29/2004
Added TQFP package information in Features, Package Dimension and
Ordering Information.
1.23
02/02/2005
Changed IC marking in package dimension
1.24
10/14/2005
Add IDE Bus voltage tolerance information, table3.1, p.11~12
1.25
05/03/2006
Delete 48 Pin TQFP and 64 Pin TQFP Pinout/Package


Similar Part No. - GL811E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
More results

Similar Description - GL811E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
[Old version datasheet]   USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
   USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
   USB 2.0 to ATA / ATAPI Bridge Controller
logo
GENESYS LOGIC
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
   USB 2.0 to ATA/ATAPI Bridge Controller
logo
SMSC Corporation
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
   EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
   EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com