Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL843 Datasheet(PDF) 38 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 38 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 34Page - GENESYS LOGIC GL843 Datasheet HTML 35Page - GENESYS LOGIC GL843 Datasheet HTML 36Page - GENESYS LOGIC GL843 Datasheet HTML 37Page - GENESYS LOGIC GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 38
Offset 36h …….……..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD16 MAXWD15 MAXWD14 MAXWD13 MAXWD12 MAXWD11 MAXWD10 MAXWD9
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD[16:9] Maximum word size per line for ASIC estimation. The unit is 2 words.
If available buffer size < MAXWD, then “buffer full” state will be set. The
scanner execute backtracking.
Offset 37h …….……..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD8 MAXWD7 MAXWD6 MAXWD5 MAXWD4 MAXWD3 MAXWD2 MAXWD1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD[8:1]
Maximum word size per line for ASIC estimation. The unit is 2 words.
If available buffer size < MAXWD, then “buffer full” state will be set. The
scanner execute backtracking.
Offset 38h …….……..……………………..………..….………..….……..……. Default value = 8’h2A
LPERIOD15 LPERIOD14 LPERIOD13 LPERIOD12 LPERIOD11 LPERIOD10
LPERIOD9 LPERIOD8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LPERIOD[15:8] Line period (or exposure time) for CCD or CIS.
Unit : pixel count
Note: It cannot be programmed to logic zero.
Offset 39h ……….…..……………………..………..….………..………………. Default value = 8’h30
LPERIOD7 LPERIOD6 LPERIOD5 LPERIOD4 LPERIOD3 LPERIOD2 LPERIOD1 LPERIOD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LPERIOD[7:0] Line period (or exposure time) for CCD or CIS.
Unit : pixel count
Note: It cannot be programmed to logic zero.
Offset 3Ah
X
X
X
X
X
X
X
FEWRDATA8
X
X
X
X
X
X
X
W
7-1 RESERVED
-
0 FEWRDATA8
This port is for designers to write control register of front-end.
Offset 3Bh
FEWRDATA7 FEWRDATA6 FEWRDATA5 FEWRDATA4 FEWRDATA3 FEWRDATA2 FEWRDATA1 FEWRDATA0
W
W
W
W
W
W
W
W
7-0 FEWRDATA[7:0] This port is for designers to write control register of front-end.


Similar Part No. - GL843

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
GL848 GENESYS-GL848 Datasheet
800Kb / 85P
   High Speed USB 2.0
More results

Similar Description - GL843

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
logo
SMSC Corporation
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
   USB 2.0 High-Speed 2-Port Hub Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
[Old version datasheet]   USB 2.0 High Speed Peripheral Controller
TS3USB221 TI1-TS3USB221_16 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
   2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
   USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
   USB 2.0 Hi-Speed 2-Port Hub Controller
USB2412-DZK SMSC-USB2412-DZK Datasheet
643Kb / 27P
   2-Port USB 2.0 Hi-Speed Hub Controller
logo
List of Unclassifed Man...
SQ930C ETC1-SQ930C Datasheet
944Kb / 20P
   High-Speed USB 2.0 Video Camera Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com