Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL9714 Datasheet(PDF) 43 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 43 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 38Page - GENESYS LOGIC GL9714 Datasheet HTML 39Page - GENESYS LOGIC GL9714 Datasheet HTML 40Page - GENESYS LOGIC GL9714 Datasheet HTML 41Page - GENESYS LOGIC GL9714 Datasheet HTML 42Page - GENESYS LOGIC GL9714 Datasheet HTML 43Page - GENESYS LOGIC GL9714 Datasheet HTML 44Page - GENESYS LOGIC GL9714 Datasheet HTML 45Page - GENESYS LOGIC GL9714 Datasheet HTML 46Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 43
Table 8.2 – Input Setup, Hold Time and Output Timing for 8-bit DDR Mode
Symbol
Parameter
Min
Typ
Max
Unit
TCYCLE
PCLK cycle time
7.98
8
8.02
ns
Duty-H
Duty cycle for PCLK high
48
-
50
%
TIS
Input setup time
-
-
1.4
ns
TIH
Input hold time
0.5
-
-
ns
TCO
Clock to output delay
-
1.5
1.6
ns
TOH
Output hold time
0.8
1
-
ns
Note:
This table is based on design target, correlation data will be posted later.
Table 8.3 – Input Setup, Hold Time and Output Timing for 16-bit Mode
Symbol
Parameter
Min
Typ
Max
Unit
TCYCLE
PCLK cycle time
7.98
8
8.02
ns
Duty-H
Duty cycle for PCLK high
48
-
50
%
TIS
Input setup time
-
-
1.4
ns
TIH
Input hold time
0.5
-
-
ns
TCO
Clock to output delay
-
5.3
5.6
ns
TOH
Output hold time
4.3
4.7
-
ns
Note:
This table is based on design target, correlation data will be posted later.
Table 8.4 – Input Setup, Hold Time and Output Timing for 10-bit SDR Mode
Symbol
Parameter
Min
Typ
Max
Unit
TCYCLE
PCLK cycle time
3.99
4
4.01
ns
Duty-H
Duty cycle for PCLK high
35
-
50
%
TIS
Input setup time
-
-
1
ns
TIH
Input hold time
1
-
-
ns
TCO
Clock to output delay
-
4
4.2
ns
TOH
Output hold time
3.4
3.7
-
ns
Note:
This table is based on design target, correlation data will be posted later.


Similar Part No. - GL9714

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
GL9711-TGGXX GENESYS-GL9711-TGGXX Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
More results

Similar Description - GL9714

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
NXP Semiconductors
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9701 GENESYS-GL9701 Datasheet
1Mb / 75P
   PCI ExpressTM to PCI Bridge
logo
Renesas Technology Corp
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
   PCI ExpressTM Clock Generator
2019
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
   PCI ExpressTM Clock Generator
2019
logo
Integrated Device Techn...
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
   Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
NXP Semiconductors
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
logo
Agere Systems
FW32206T100 AGERE-FW32206T100 Datasheet
939Kb / 86P
   1394a PCI PHY/Link Open Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com