Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL9711 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL9711
Description  PCI ExpressTM PIPE x1 PHY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9711 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL9711 Datasheet HTML 14Page - GENESYS LOGIC GL9711 Datasheet HTML 15Page - GENESYS LOGIC GL9711 Datasheet HTML 16Page - GENESYS LOGIC GL9711 Datasheet HTML 17Page - GENESYS LOGIC GL9711 Datasheet HTML 18Page - GENESYS LOGIC GL9711 Datasheet HTML 19Page - GENESYS LOGIC GL9711 Datasheet HTML 20Page - GENESYS LOGIC GL9711 Datasheet HTML 21Page - GENESYS LOGIC GL9711 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
GL9711 PCI Express
TM PIPE x1 PHY
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 18
M2, M4, N1, N3,
N4, P2, P3, P4, P5,
P6, P7, P8, P12,
R1, R2, R3, R4,
R5, R6, R8, R14,
T1, T3, T4, T7, T8,
T9, T13, U2, U4,
U6, U7, U8, U15
Note: ”NC” pins should be left open on circuit board.
Table 3.5 - Parameter of Buffer I/O
VIH
(Input High Voltage,
V)
VIL
(Input Low Voltage,
V)
VOH
(Output High Voltage,
V)
VOL
(Output Low Voltage,
V)
Buffer type
Min
Norm
Max
Min
Norm
Max
Min
Norm
Max
Min
Norm
Max
LVCMOS2
1.7
-
-
-
-
0.7
2.4
-
-
-
-
0.4
SSTL2
1.57
-
-
-
-
0.93
1.76
-
-
-
-
0.74


Similar Part No. - GL9711

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9714 GENESYS-GL9714 Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
GL9714-TGGXX GENESYS-GL9714-TGGXX Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
More results

Similar Description - GL9711

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9714 GENESYS-GL9714 Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_11 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
logo
GENESYS LOGIC
GL9701 GENESYS-GL9701 Datasheet
1Mb / 75P
   PCI ExpressTM to PCI Bridge
logo
Renesas Technology Corp
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
   PCI ExpressTM Clock Generator
2019
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
   PCI ExpressTM Clock Generator
2019
logo
Integrated Device Techn...
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
   Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com