Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5701 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK5701
Description  digital audio 16bit A/D converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK5701 Datasheet HTML 1Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ASAHI KASEI
[AKD5701-A]
<KM076904>
2006 / 06
- 4 -
(2) Evaluation of PLL, Slave Mode (PLL Reference CLOCK: MCKI pin)
*Connect PORT4 (DSP2) with DSP.
Figure below shows PORT4 pin assign.
PORT4
GND
GND
NC
NC
SDTO
VD
EXSDTI
EXLRCK
EXBCLK
MCKI
a) Set up jumper pins of MCKI clock
X’tal of 11.2896MHz (Default) is set on the AKD5701-A. In this case, the AK5701 corresponds to PLL
reference clock of 11.2896MHz. In this evaluation mode, the output clock from MCKO pin of the AK5701 is
supplied to a divider (U3: 74VHC4040), EXBCLK and LRCK clocks are generated by the divider. Then
“MCKO bit” in the AK5701 should be set to “1”.
When an external clock is supplied through an RCA connector (J3: EXT/BCLK), select EXTCLK/BCLK on
JP16 (XTI) and select EXTCLK/BCLK on JP17 (MCLK_SEL). JP14 (EXT1) and R20 should be properly
selected in order too match the output impedance of the clock generator.
JP16
XTI
JP19
MCLK_SEL
MCKI
JP11
MKFS
EXTCLK
/BCLK
5701-
MCKO
EXTCLK
/BCLK
4114-
MCKO
256fs 512fs 1024fs MCKO
b) Set up jumper pins of BCLK clock
JP12
BCLK
32fs 16fs
64fs
EXT
JP17
BCLK_SEL
BCLK/
DIT
EXTBCLK/
DIT
EXT
BCLK
c) Set up jumper pins of LRCK clock
JP13
LRCK
1fs
2fs
EXT
JP18
LRCK_SEL
LRCK/
DIT
EXTLRCK/
DIT
EXT
LRCK


Similar Part No. - AK5701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
   portable digital audio 16bit A/D converter
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
   portable digital audio 16bit A/D converter
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Asahi Kasei Microsystem...
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com