Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5700-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD5700-A
Description  digital audio 16bit A/D converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5700-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD5700-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5700-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
ASAHI KASEI
[AKD5700-A]
<KM087000>
2006 / 12
- 1 -
GENERAL DESCRIPTION
AKD5700-A is an evaluation board for the portable digital audio 16bit A/D converter, AK5700. AKD5700-A
also has the digital audio interface and can achieve the interface with digital audio systems via
opt-connector.
Ordering guide
AKD5700-A
--- Evaluation board for AK5700
(Cable for connecting with printer port of IBM-AT compatible PC and control
software are packed with this. This control software does not support Windows NT.)
FUNCTION
• DIT with optical output
• RCA connector for an external clock input
• 10pin Header for serial control interface
AK4114
(DIT)
10pin Header
Control Data
10pin Header
DGND
Opt Out
AK5700
VD
AVDD
DSP 1
DVDD
AGND
MIC
5V
Regulator
3.3V
10pin Header
DSP 2
EXT/BCLK
AIN-
AIN1/
AIN2/
AIN+
EXT/LRCK
CLOCK
GEN
Figure 1. AKD5700-A Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
AK5700 Evaluation board Rev.0
AKD5700-A


Similar Part No. - AKD5700-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5700 AKM-AKD5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
More results

Similar Description - AKD5700-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
   portable digital audio 16bit A/D converter
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
   portable digital audio 16bit A/D converter
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Asahi Kasei Microsystem...
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com