Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5386-B-06 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD5386-B-06
Description  24bit 192kHz A/D converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5386-B-06 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD5386-B-06 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD5386-B-06 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ASAHI KASEI
[AKD5386-B]
<KM082300>
2006/12
- 11 -
fs=96kHz
AKM
AK5386 FFT
VA=5V, VD=3.3V, fs=96kHz, MCLK=256fs, -1dBFS input, fin=1kHz
40
40k
50
100
200
500
1k
2k
5k
10k
20k
Hz
-180
+0
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
Figure 11 FFT (1kHz, –1dB input)
AKM
AK5386 FFT
VA=5V, VD=3.3V, fs=96kHz, MCLK=256fs, -60dBFS input, fin=1kHz
40
40k
50
100
200
500
1k
2k
5k
10k
20k
Hz
-180
+0
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
F
S
Figure 12 FFT (1kHz, –60dB input)


Similar Part No. - AKD5386-B-06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5386 AKM-AKD5386 Datasheet
148Kb / 18P
   Single-ended 24-Bit 192kHz ?誇 ADC
More results

Similar Description - AKD5386-B-06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD4552-A AKM-AKD4552-A Datasheet
329Kb / 33P
   24bit A/D and D/A converter,
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com