Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5381-B Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD5381-B
Description  24bit 96kHz A/D converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5381-B Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD5381-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 9Page - Asahi Kasei Microsystems AKD5381-B Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ASAHI KASEI
[AKD5381-B]
<KM074702>
2006/04
- 6 -
MEASUREMENT RESULTS
[Measurement condition]
• Measurement unit: Audio Precision, System Two Cascade
• MCLK
: 256fs
• SCLK
: 64fs
• fs
: 48kHz, 96kHz
• Bit
: 24bit
• Power Supply
: VA = VD = 5.0V (Using regulator)
• Interface
: DIT
• Temperature
: Room
Parameter
Result (Lch / Rch)
Unit
ADC Analog Input Characteristics:
S/(N+D)
(
−1dB Input)
fs=48kHz
fs=96kHz
89.0 / 88.4
86.9 / 86.2
dB
dB
D-Range
(
−60dB Input)
fs=48kHz, A-weighted
fs=96kHz
102.7 / 102.4
99.2 / 99.2
dB
dB
S/N
fs=48kHz, A-weighted
fs=96kHz
102.8 / 102.8
99.4 / 99.4
dB
dB
Interchannel Isolation
123.6 / 123.8
dB


Similar Part No. - AKD5381-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AKD5381 ETC-AKD5381 Datasheet
201Kb / 21P
   Evaluation board Rev.A for AK5381
logo
Asahi Kasei Microsystem...
AKD5381 AKM-AKD5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
More results

Similar Description - AKD5381-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
AK4132 AKM-AK4132 Datasheet
1Mb / 27P
   96kHz 24bit Sample Rate Converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com