Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5356 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD5356
Description  digital audio 20bit A/D converter with Pre-Amp and Analog Volume.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5356 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD5356 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5356 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ASAHI KASEI
[AKD5356]
<KM068501>
2002/10
- 5 -
n Serial Control
The AK5356 can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT2
(CTRL) with PC by 10 wire flat cable packed with the AKD5356.
Connect
CSN
CCLK
CDTI
10pin Header
10pin
Connector
10 wire
flat cable
PC
AKD5356
Figure 5. Connect of 10 wire flat cable
n Other Jumper Pins
(1) JP9 (VD) : Select DVDD pin of the AK5356
VA: DVDD pin is supplied from AVDD pin via 10
Ω.
VD: DVDD pin is supplied from JP17.
(2) JP15 (MVDD) : Select MVDD pin of the AK5356
TERM: MVDD pin is supplied from MVDD terminal.
REG : 3V is supplied to MVDD pin via the regulator.
(3) JP16 (AVDD): Select AVDD pin of the AK5356
TERM: AVDD pin is supplied from AVDD terminal.
REG : 3V is supplied to AVDD pin via the regulator.
(4) JP17 (DVDD): Select digital logics [DVDD pin, U2(74LCV541), U5(74LCV07A)]
TERM: The digital logics are supplied from DVDD terminal.
REG : 3V is supplied to the digital logics via regulator.
n The function of the toggle SW
Upper-side is “H” and lower-side is “L”.
[SW1] (PDN): Reset the AK5356. Keep “H” during normal operation.
[SW3] (DIT): Reset the AK4103. Keep “H” during normal operation.


Similar Part No. - AKD5356

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5356 AKM-AKD5356 Datasheet
156Kb / 22P
   LOW POWER 20BIT ADC WITH MIC AMP & PGA
More results

Similar Description - AKD5356

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Samsung semiconductor
KA22136-D SAMSUNG-KA22136-D Datasheet
189Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Samsung semiconductor
S1A0136A01 SAMSUNG-S1A0136A01 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
   D/A Converter for Digital Audio
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
   D/A Converter for Digital Audio
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com