Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4707-A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4707-A
Description  AV SCART switch. Evaluation requires audio/video analog analyzers/generators and a power supply
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4707-A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4707-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4707-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ASAHI KASEI
[AKD4707-A]
<KM083602>
2007/01
- 2 -
1. Evaluation Board Manual
Operation sequence
1) Set up the power supply lines.
[VP]
(Orange)
= 11.4
∼ 12.6V (typ. 12V, for VP pin)
[VD]
(Red)
= 4.75
∼ 5.25V (typ. 5.0V, for VD pin)
[VVD]
(Red)
= 4.75
∼ 5.25V (typ. 5.0V, for VVD1 pin, VVD2 pin)
[VCC]
(Red)
= 5.0V (for digital logic)
[AGND]
(Black)
= 0V (for analog ground: VSS, VVSS)
[DGND]
(Black)
= 0V (for digital ground)
Each supply line should be distributed from the power supply unit.
2) Set-up jumper pins. (See the followings.)
3) Power on.
The AK4707 should be reset once bringing SW1 “L” upon power-up.
Jumper pins set up
[JP1] (GND): Analog ground and Digital ground
OPEN:
Separated
SHORT:
Common. (The connector “DGND” can be open.) <Default>
[JP2] (VD): Regulator +5V or VD connector
OPEN:
VD pin is supplied from VD connector.
SHORT:
VD pin is supplied to regulator +5V. (The connector “VD” can be open.) <Default>
[JP3] (VVD): VD connector or VVD connector
OPEN:
VVD1 and VVD2 pins are supplied from VVD connector.
SHORT:
VVD1 and VVD2 pins are supplied from VD connector.
(The connector “VVD” can be open.) <Default>
[JP4] (VCC): VVD connector or VCC connector
OPEN:
Logic voltage is supplied from VCC connector.
SHORT:
Logic voltage is supplied form VVD connector. (The connector “VCC” can be open.) <Default>
The regulator can be supplied 5.0V to all circuits by shorting JP2, JP3 and JP4 and supplying 12V to VP connector.


Similar Part No. - AKD4707-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4702 AKM-AKD4702 Datasheet
962Kb / 32P
   Evaluation board Rev.A for AK4702
AKD4705-A AKM-AKD4705-A Datasheet
434Kb / 42P
   2ch DAC with AV SCART switch
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
More results

Similar Description - AKD4707-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4709 AKM-AK4709 Datasheet
607Kb / 42P
   Low Power AV SCART Switch
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com