Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4705-A Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4705-A
Description  2ch DAC with AV SCART switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4705-A Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4705-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4705-A Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ASAHI KASEI
[AKD4705-A]
<KM078601>
2006/08
- 9 -
Serial Control
The AK4705-A can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT3
(
µP-IF) with PC by 10 wire flat cable packed with the AKD4705-A.
Be careful connector direction. Flat cable should be connected 10-pin header, red line put on 10pin header 5 and 6
pin.
SDA
SDA(ACK)
SCL
AKD4705-A
10 pin Header
10 pin Connector
10 wire flat cable
Connect
PC
RED
1
10
6
5
PORT3
µP-IF
Figure 2. Connection of 10 pin flat cable for PORT3
Input/Output port List
Signal Name
Notes
Input
J5 (VCRINL), J3 (VCRINR), J9 (TVINL), J8 (TVINR)
Max: 2Vrms
Audio
Output
J12 (VCROUTL), J10 (VCROUTR), J6 (TVOUTL), J7 (TVOUTR),
J4 (MONOOUT)
Max: 3Vrm
Digital
Input
Port2 (TORX176) or J2 BNC (RX)
Max: D5V+0.3V
Input
J13 (ENCB), J15 (ENCG), J17 (ENCRC), J19 (ENCC), J21 (ENCV),
J23(ENCY), J25(TVVIN), J14(VCRVIN), J18(VCRRC; Note),
J20(VCRG), J22(VCRB)
Max: 1.5Vp-p
Video
Output
J27 (VCRCOUT; Note), J29 (TVVOUT), J30 (TVRC), J31 (TVG), J32
(TVB), J33 (RFV), J34 (VCRVOUT)
Max: 3Vp-p
Input
J24 (VCRSB)
Max: VP+0.3V
Slow
Blanking
Output
J24 (VCRSB) , J28 (TVSB)
Max: VP
Input
J16 (VCRFB)
Max: VVD1+0.3V
Fast
Blanking
Output
J26 (TVFB)
Max: VVD2
Note: Refer JP12 and CIO bit of the AK4705.
Table 6. Input/Output port List
The indication content for LED
LED turns on during each output is “H”.
[LE1] Indicates unlock or parity error of S/PDIF. Connected to the ERF pin of DIR (AK4112B).
(Normally off.)
[LE2] Indicates the validity status of S/PDIF. Connected to the V pin of DIR (AK4112B).
(Normally off.)
Toggle switch (SW1 on board) operation
“H”: AK4705 is active.
“L”: AK4705 is powered down.
(Note: When the power of AKD4705-A is ON at first, SW1 should be switched from “L” to “H”.)


Similar Part No. - AKD4705-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
More results

Similar Description - AKD4705-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AKD4706-A AKM-AKD4706-A Datasheet
549Kb / 34P
   2ch DAC with AV SCART switch
AK4705 AKM-AK4705 Datasheet
679Kb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
AK4705VQ AKM-AK4705VQ Datasheet
1Mb / 50P
   2ch 24bit DAC with AV SCART Switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com