Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4633-A Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4633-A
Description  16bit mono CODEC with MIC/SPK amplifier.
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4633-A Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4633-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4633-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ASAHI KASEI
[AKD4633-A]
<KM079406>
2007/04
- 4 -
(2) Evaluation of loop-back mode (A/D → D/A) : PLL, Slave Mode (PLL Reference CLOCK: MCKI pin)
a) Set up jumper pins of MCKI clock
X’tal of 12.288MHz (Default) is set on the AKD4633-A. In this case, the AK4633VN corresponds to PLL
reference clock of 12.288MHz. In this evaluation mode, the output clock from MCKO-pin of the AK4633VN is
supplied to a divider (U3: 74VHC4040), BICK and FCK clocks are generated by the divider. Then “MCKO bit”
in the AK4633VN should be set to “1”. When an external clock through a RCA connector (J8: EXT/BICK) is
supplied, select EXT on JP21 (MCLK_SEL) and short JP17 (XTE). JP23 (EXT1) and R26 should be properly
selected in order to match the output impedance of the clock generator.
b) Set up jumper pins of BICK clock
c) Set up jumper pins of FCK clock
d) Set up jumper pins of DATA
When the AK4633VN is evaluated by loop-back mode (A/D
→ D/A), the jumper pins should be set to the
following.
JP17
XTE
MCLK_SEL
JP21
JP18
MKFS
256fs 512fs 1024fs
XTL DIR
EXT
MCKO
JP6
MCKI
JP28
FCK
ADC
DIR
JP22
FCK_SEL
2fs
EXT
1fs
JP26
4631_SDTI
ADC
DAC/LOOP
JP30
SDTI
DIR
ADC
JP29
JP20
BICK
JP27
BICK_INV
THR
INV
DIR ADC
BICK
THR
INV
BICK_SEL
JP19
EXT
16fs
32fs
64fs


Similar Part No. - AKD4633-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4633 AKM-AKD4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AKD4633-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4631-VN AKM-AKD4631-VN Datasheet
468Kb / 44P
   16bit mono CODEC with MIC/SPK amplifier.
AKD4634-A AKM-AKD4634-A Datasheet
1Mb / 46P
   16bit mono CODEC with MIC/SPK/VIDEO amplifier.
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
AK4637 AKM-AK4637 Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC - SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com