Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4628A-B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4628A-B
Description  single chip CODEC that includes two channels of ADC and eight channels of DAC.
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4628A-B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4628A-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4628A-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
[AKD4628A-B]
<KM084901>
2007/07
-5-
Analog input circuit
AK4628A
Signal
22u
32
RIN
Same circuit
3.0Vpp
OP275GPZ
-
+
Op-amp circuit
31
LIN
6.0Vpp
330
330
1)
Gain
Gain of analog input circuit is
330/(330+330) = -6.02dB.
Therefore input level for this board is
+0.51dBV(=3.0Vpp)+6.02dB
= +6.53dBV = 6.00Vpp = 2.12Vrms.


Similar Part No. - AKD4628A-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4628 AKM-AKD4628 Datasheet
461Kb / 39P
   Evaluation board Rev.B for AK4628
AKD4628 AKM-AKD4628 Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
More results

Similar Description - AKD4628A-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
Aplus Intergrated Circu...
AVM1504D APLUS-AVM1504D Datasheet
364Kb / 9P
   single-chip 3 channels timbre generator that can synthesize
logo
Maxim Integrated Produc...
MAX31911 MAXIM-MAX31911 Datasheet
866Kb / 17P
   Eight High-Voltage Input Channels
Rev 6; 4/15
MAX22005EVKIT MAXIM-MAX22005EVKIT Datasheet
1Mb / 19P
   Access to Eight GPIO Channels
Rev 0; 3/21
logo
Texas Instruments
ADC122S101CIMM TI-ADC122S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   Specified Over a Range of Sample Rates, Two Input Channels
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com