Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML1350 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML1350
Description  Monolithic IF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1350 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML1350 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 6Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.lansdale.com
Page 2 of 6
Issue A
LANSDALE Semiconductor, Inc.
ML1350
ELECTRICAL CHARACTERISTICS (V+ = +12 Vdc, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
AGC Range, 45 MHz (5.0 V to 7.0 V) (Figure 1)
60
68
dB
Power Gain (Pin 5 grounded via a 5.1 k
Ω resistor)
f = 58 MHz, BW = 4.5 MHz
See Figure 6(a)
f = 45 MHz, BW = 4.5 MHz
See Figure 6(a), (b)
f = 10.7 MHz, BW = 350 kHz
See Figure 7
f = 455 kHz, BW = 20 kHz
Ap
46
48
50
58
62
dB
Maximum Differential Voltage Swing
0 dB AGC
–30 dB AGC
VO
20
8.0
Vpp
Output Stage Current (Pins 1 and 8)
I1 + I8
5.6
mA
Total Supply Current (Pins 1, 2 and 8)
IS
14
17
mAdc
Power Dissipation
PD
168
204
mW
DESIGN PARAMETERS, Typical Values (V+ = +12 Vdc, TA = +25°C, unless otherwise noted.)
Frequency
Parameter
Symbol
455 kHz
10.7 MHz
45 MHz
58 MHz
Unit
Single–Ended Input Admittance
g11
b11
0.31
0.022
0.36
0.50
0.39
2.30
0.5
2.75
mmho
Input Admittance Variations with AGC
(0 dB to 60 dB)
∆g11
∆b11
60
0
µmho
Differential Output Admittance
g22
b22
4.0
3.0
4.4
110
30
390
60
510
µmho
Output Admittance Variations with AGC
(0 dB to 60 dB)
∆g22
∆b22
4.0
90
µmho
Reverse Transfer Admittance (Magnitude)
|y12|
< < 1.0
< < 1.0
< < 1.0
< < 1.0
µmho
Forward Transfer Admittance
Magnitude
Angle (0 dB AGC)
Angle (–30 dB AGC)
|y21|
< y21
< y21
160
–5.0
–3.0
160
–20
–18
200
–80
–69
180
–105
–90
mmho
Degrees
Degrees
Single–Ended Input Capacitance
Cin
7.2
7.2
7.4
7.6
pF
Differential Output Capacitance
CO
1.2
1.2
1.3
1.6
pF
Figure 2. Typical Gain Reduction
Figure 3. Noise Figure versus Gain Reduction
4.0
5.0
6.0
7.0
VAGC, SUPPLY VOLTAGE (V)
IAGC = 0.2 mA
0
102030
40
GAIN REDUCTION (dB)
45 MHz
58 MHz
IAGC = 0.1 mA
(Figures 6 and 7)
(Figure 6)
0
20
40
60
80
22
20
18
16
14
12
10
8.0
6.0


Similar Part No. - ML1350

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350 Datasheet
189Kb / 6P
   Monolithic IF Amplifier
ML1350-5P LANSDALE-ML1350-5P Datasheet
189Kb / 6P
   Monolithic IF Amplifier
ML1350PP LANSDALE-ML1350PP Datasheet
189Kb / 6P
   Monolithic IF Amplifier
ML1350 LANSDALE-ML1350_08 Datasheet
189Kb / 6P
   Monolithic IF Amplifier
More results

Similar Description - ML1350

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350_08 Datasheet
189Kb / 6P
   Monolithic IF Amplifier
logo
National Semiconductor ...
TBA440C NSC-TBA440C Datasheet
106Kb / 2P
   Monolithic Video IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
General Electric Compan...
6HR6 GEC-6HR6 Datasheet
67Kb / 1P
   IF AMPLIFIER
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
   IF AMPLIFIER
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
   RF/IF AMPLIFIER
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
   RF-IF AMPLIFIER
logo
STMicroelectronics
TDA4445A STMICROELECTRONICS-TDA4445A Datasheet
72Kb / 6P
   SOUND IF AMPLIFIER
logo
List of Unclassifed Man...
ECG1082 ETC1-ECG1082 Datasheet
90Kb / 2P
   FM IF AMPLIFIER
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com