Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4563A Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4563A
Description  16bit 4ch A/D and 2ch D/A converter,
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4563A Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4563A_06 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4563A_06 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ASAHI KASEI
[AKD4563A]
<KM064401>
2006 / 06
- 9 -
Control Software Manual
Set-up of evaluation board and control software
1. Set up the AKD4563A according to previous term.
2. Connect IBM-AT compatible PC with AKD4563A by 10-line type flat cable (packed with AKD4563A). Take care
of the direction of 10pin header. (Please install the driver in the CD-ROM when this control software is used on
Windows 2000/XP. Please refer “Installation Manual of Control Software Driver by AKM device control software”.
In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows
NT.)
3. Insert the CD-ROM labeled “AK4563A Evaluation Kit” into the CD-ROM drive.
4. Access the CD-ROM drive and double-click the icon of “akd4563A.exe” to set up the control program.
5. Then please evaluate according to the follows.
Operation flow
Keep the following flow.
1. Set up the control program according to explanation above.
2. Click “Port Setup” button.
3. Click “Write default” button.
4. Then set up the dialog and input data.
Explanation of each buttons
1. [Port Reset] :
Set up the port. When this is pushed, the printer port or USB port is selected automatically.
2. [Write default] :
Initialize the register of the AK4563A
3. [All Read] :
Read all registers of the AK4563A.
4. [All Write] :
Write all registers that is currently displayed
5. [Function1] :
Dialog to write data by keyboard operation.
6. [Function2] :
Dialog to evaluate IPGA and ATTL/ATTR.
7. [Function3] :
The sequence of register setting can be set and executed.
8. [Function4] :
The sequence that is created on [Function3] can be assigned to buttons and executed.
9. [Function5] :
The register setting that is created by [SAVE] function on main window can be assigned to
buttons and executed.
10.[Write] :
Dialog to write data by mouse operation.
11.[Read] :
Read data by mouse operation.
12.[SAVE] :
Save the current register setting.
13.[OPEN] :
Write the save values to all register.
14.[AK4353]:
Set up the audio I/F format of AK4353
14-1. [MSB] :
MSB justified for DIT mode in AK4353.
14-2. [LSB] :
LSB justified for DIT mode in AK4353.
14-3. [I2S] :
I
2S compatible for DIT mode in AK4353.
Note 1. Evaluation mode of AK4353 and AK4563A is same mode.
Note 2. The default of AK4353 is MCLK=256fs and I
2S compatible mode.
Note 3. MCLK of AK4353 is fixed to 256fs.
Indication of data
Input data is indicated on the register map. Red letter indicates “H” or “1” and blue one indicates “L” or “0”. Blank is the
part that is not defined in the datasheet.


Similar Part No. - AKD4563A_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4563A AKM-AKD4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
AKD4563A AKM-AKD4563A Datasheet
563Kb / 26P
   Evaluation board Rev.A for AK4563A
More results

Similar Description - AKD4563A_06

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
Rohm
BH2227FV ROHM-BH2227FV Datasheet
260Kb / 5P
   8bit 4ch D/A converter
BH2219FVM ROHM-BH2219FVM Datasheet
171Kb / 5P
   8bit 2ch D/A converter
logo
Asahi Kasei Microsystem...
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
   SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
   portable digital audio 16bit A/D converter
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
   portable digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com