Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM150DY-12H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM150DY-12H
Description  Dual IGBTMOD 150 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM150DY-12H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM150DY-12H Datasheet HTML 1Page - Powerex Power Semiconductors CM150DY-12H Datasheet HTML 2Page - Powerex Power Semiconductors CM150DY-12H Datasheet HTML 3Page - Powerex Power Semiconductors CM150DY-12H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
238
CM150DY-12H
Dual IGBTMOD™ H-Series Module
150 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM150DY-12H
Units
Junction Temperature
Tj
–40 to 150
°C
Storage Temperature
Tstg
–40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
600
Volts
Gate-Emitter Voltage
VGES
±20
Volts
Collector Current
IC
150
Amperes
Peak Collector Current
ICM
300*
Amperes
Diode Forward Current
IF
150
Amperes
Diode Forward Surge Current
IFM
300*
Amperes
Power Dissipation
Pd
600
Watts
Max. Mounting Torque M5 Terminal Screws
17
in-lb
Max. Mounting Torque M6 Mounting Screws
26
in-lb
Module Weight (Typical)
270
Grams
V Isolation
VRMS
2500
Volts
* Pulse width and repetition rate should be such that device junction temperature does not exceed the device rating.
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1.0
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 15mA, VCE = 10V
4.5
6.0
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 150A, VGE = 15V
2.1
2.8**
Volts
IC = 150A, VGE = 15V, Tj = 150°C
2.15
Volts
Total Gate Charge
QG
VCC = 300V, IC = 150A, VGS = 15V
450
nC
Diode Forward Voltage
VFM
IE = 150A, VGS = 0V
2.8
Volts
** Pulse width and repetition rate should be such that device junction temperature rise is negligible.
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
––
15
nF
Output Capacitance
Coes
VGE = 0V, VCE = 10V, k = 1MHz
5.3
nF
Reverse Transfer Capacitance
Cres
3
nF
Resistive
Turn-on Delay Time
td(on)
200
ns
Load
Rise Time
tr
VCC = 300V, IC = 150A,
550
ns
Switching
Turn-off Delay Time
td(off)
VGE1 = VGE2 = 15V, RG = 4.2Ω
300
ns
Times
Fall Time
tf
300
ns
Diode Reverse Recovery Time
trr
IE = 150A, diE/dt = –300A/µs
110
ns
Diode Reverse Recovery Charge
Qrr
IE = 150A, diE/dt = –300A/µs
0.41
µC
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)
Per IGBT
0.21
°C/W
Thermal Resistance, Junction to Case
Rth(j-c)
Per FWDi
0.47
°C/W
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.065
°C/W


Similar Part No. - CM150DY-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150DY-12H MITSUBISHI-CM150DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM150DY-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DU-12H POWEREX-CM150DU-12H Datasheet
58Kb / 4P
   Dual IGBTMOD 150 Amperes/600 Volts
CM150E3U-12H POWEREX-CM150E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 150 Amperes/600 Volts
CM150TU-12H POWEREX-CM150TU-12H Datasheet
76Kb / 4P
   Six IGBTMOD 150 Amperes/600 Volts
CM150DU-12F POWEREX-CM150DU-12F Datasheet
351Kb / 4P
   Trench Gate Design Dual IGBTMOD??150 Amperes/600 Volts
CM150DY-12NF POWEREX-CM150DY-12NF Datasheet
70Kb / 4P
   Dual IGBTMOD NF-Series Module 150 Amperes/600 Volts
CM150DUS-12F POWEREX-CM150DUS-12F Datasheet
177Kb / 4P
   Trench Gate Design Dual IGBTMOD 150 Amperes/600 Volts
CM150TF-12H POWEREX-CM150TF-12H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 150 Amperes/600 Volts
CM150DU-24H POWEREX-CM150DU-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 150 Amperes/1200 Volts
CM150DU-34KA POWEREX-CM150DU-34KA Datasheet
451Kb / 4P
   Dual IGBTMOD 150 Amperes/1700 Volts
CM150DY-24H POWEREX-CM150DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 150 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com